Electronic Components Datasheet Search
  English  ▼

X  

MB90583CAPF Datasheet(PDF) 40 Page - fujitsu semiconductor

Part # MB90583CAPF
Description  16-bit Proprietary Microcontroller
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90583CAPF Datasheet(HTML) 40 Page - fujitsu semiconductor

Back Button MB90583CAPF Datasheet HTML 36Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 37Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 38Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 39Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 40Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 41Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 42Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 43Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 44Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 124 page
background image
MB90580C Series
40
2.
Timebase Timer
The time-base timer consists of a 18-bit timer and an interval interrupt control circuit. Note that the time-base
timer uses the oscillation clock regardless of the setting of the MCS bit in the CKSCR.
(1) Register configuration
(2) Block Diagram
• Timebase timer control register
bit
15
1413121110
9
8
Address
: 0000A9H
Reserved

TBIE TBOF
TBR
TBC1 TBC0
TBTC
Access
(R/W)
(
)
(
) (R/W) (R/W) (W) (R/W) (R/W)
Initial value
(1)
(
)
(
)
(0)
(0)
(1)
(0)
(0)
TBTC
PONR
STBR
WRST
ERST
SRST
TBC0
TBR
TBIE
TBOF
TBC1
WT1
WT0
WTE
WTC
WDCS
SCE
WTC2
WTC1
WTC0
WTR
WTIE
WTOF
WDTC
WDTC
AND
CLR
OF
CLR
212
214
216
219
TBTRES
29
210
211
212
213
214
215
WTRES
211 213 215 218
210 213 214 215
QR
S
AND
Q
R
S
AND
Q
R
S
Main clock
Clock input
Time-base timer
Watchdog reset
generator
Clock timer
Clock input
To WDGRST
internal reset
generator
From power-on reset
generator
Subclock
From RST bit in STBYC
register
From RST pin
From hardware standby
control circuit
Time-base
interrupt
Clock
interrupt
Selector
Selector
Selector
2-bit
counter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com