Electronic Components Datasheet Search
  English  ▼

X  

MB90583CAPF Datasheet(PDF) 81 Page - fujitsu semiconductor

Part # MB90583CAPF
Description  16-bit Proprietary Microcontroller
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90583CAPF Datasheet(HTML) 81 Page - fujitsu semiconductor

Back Button MB90583CAPF Datasheet HTML 77Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 78Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 79Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 80Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 81Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 82Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 83Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 84Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 85Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 124 page
background image
MB90580C Series
81
4.
AC Characteristics
(1) Clock Timings
(VCC
= 5.0 V±10%, VSS = AVSS = 0.0 V, TA = −40 °C to +85 °C)
*: The frequency fluctuation rate is the maximum deviation rate of the preset center frequency when the multiplied
PLL signal is locked.
Parameter
Symbol Pin name
Con-
dition
Value
Unit
Remarks
Min.
Typ.
Max.
Clock frequency
fC
X0, X1
3
16
MHz
fCL
X0A, X1A
32.768
kHz
Clock cycle time
tHCYL
X0, X1
62.5
333
ns
tLCYL
X0A, X1A
30.5
µs
Frequency fluctuation
rate locked*
∆f

5%
Input clock pulse width
PWH
PWL
X0
10

ns
Recommened duty
ratio of 30% to 70%
PWLH
PWLL
X0A
15.2
µs
Input clock rise/fall time
tCR
tCF
X0

5ns
External clock
operation
Internal operating clock
frequency
fCP
1.5
16
MHz Main clock operation
fLCP

8.192
kHz Subclock operation
Internal operating clock
cycle time
tCP
62.5
—
666
ns
Main clock operation
tLCP

122.1
µs Subclock operation
+
+α
 α 
fo
fo
−α
−
∆f =
× 100 (%)
Center
frequency
X0
tHCYL
tCF
tCR
0.8 VCC
0.2 VCC
PWH
PWL
• X0, X1 clock timing
X0A
tLCYL
tCF
tCR
0.8 VCC
0.2 VCC
PWLH
PWLL
• X0A, X1A clock timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com