| Electronic Components Datasheet Search |
|
MB90583CAPF Datasheet(PDF) 36 Page - fujitsu semiconductor |
|
|
|||||||||||||||||||||||||||||
MB90583CAPF Datasheet(HTML) 36 Page - fujitsu semiconductor |
|
36 / 124 page ![]() MB90580C Series 36 (Continued) (Continued) • Port 1 direction register (DDR1) bit Address : 000011H Access Initial value • Port 2 direction register (DDR2) bit Address : 000012H Access Initial value • Port 3 direction register (DDR3) bit Address : 000013H Access Initial value • Port 4 direction register (DDR4) bit Address : 000014H Access Initial value • Port 5 direction register (DDR5) bit Address : 000015H Access Initial value • Port 6 direction register (DDR6) bit Address : 000016H Access Initial value • Port 7 direction register (DDR7) bit Address : 000017H Access Initial value (DDR0) D17 D16 D15 D14 D13 D12 D11 D10 15 14 13 12 11 10 9 8 (R/W) (0) (R/W) (0) (R/W) (0) (R/W) (0) (R/W) (0) (R/W) (0) (R/W) (0) (R/W) (0) 70 ………… (DDR3) D27 D26 D25 D24 D23 D22 D21 D20 76 54 3 2 10 (R/W) (0) (R/W) (0) (R/W) (0) (R/W) (0) (R/W) (0) (R/W) (0) (R/W) (0) (R/W) (0) 15 8 ………… (DDR2) D37 P36 P35 P34 P33 P32 P31 P30 15 14 13 12 11 10 9 8 (R/W) (0) (R/W) (0) (R/W) (0) (R/W) (0) (R/W) (0) (R/W) (0) (R/W) (0) (R/W) (0) 70 ………… (DDR5) D47 D46 D45 D44 D43 D42 D41 D40 76 54 3 2 10 (R/W) (0) (R/W) (0) (R/W) (0) (R/W) (0) (R/W) (0) (R/W) (0) (R/W) (0) (R/W) (0) 15 8 ………… (DDR4) D57 D56 D55 D54 D53 D52 D51 D50 15 14 13 12 11 10 9 8 (R/W) (0) (R/W) (0) (R/W) (0) (R/W) (0) (R/W) (0) (R/W) (0) (R/W) (0) (R/W) (0) 70 ………… (DDR7) D65 D64 D63 D62 D61 D60 76 54 3 2 10 ( ) ( ) ( ) ( ) (R/W) (0) (R/W) (0) (R/W) (0) (R/W) (0) (R/W) (0) (R/W) (0) 15 8 ………… (DDR6) D74 D73 D72 D71 15 14 13 12 11 10 9 8 () () () () () () (R/W) (0) (R/W) (0) (R/W) (0) (R/W) (0) () () 70 ………… |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |