Electronic Components Datasheet Search
  English  ▼

X  

MB90583CAPF Datasheet(PDF) 68 Page - fujitsu semiconductor

Part # MB90583CAPF
Description  16-bit Proprietary Microcontroller
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90583CAPF Datasheet(HTML) 68 Page - fujitsu semiconductor

Back Button MB90583CAPF Datasheet HTML 64Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 65Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 66Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 67Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 68Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 69Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 70Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 71Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 72Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 124 page
background image
MB90580C Series
68
(2) Block Diagram
The control circuit in the IEBusTM controller executes the following control functions:
• Controls the number of bytes in data to be transmitted and received.
• Controls the maximum number of bytes transmitted.
• Detects the results of arbitration.
• Evaluates the return of acknowledgment of each field.
• Generates interrupt signals.
2
TX
RX
6 MHz/6.29 MHz
Local-office address setting register
Slave address setting register
Broadcast control bit setting register
Message length bit setting register
8-byte FIFO, write data buffer
Master address read register
Broadcast control bit read register
Message length bit read register
Lock read register
8-byte FIFO, read data buffer
Command register
Status register
Control circuit
Prescaler
IEBusTM
controller
Interrupt request signal
(transmission/reception)
Internal clock
12 MHz/12.58 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com