Electronic Components Datasheet Search
  English  ▼

X  

MB90583CAPF Datasheet(PDF) 77 Page - fujitsu semiconductor

Part # MB90583CAPF
Description  16-bit Proprietary Microcontroller
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90583CAPF Datasheet(HTML) 77 Page - fujitsu semiconductor

Back Button MB90583CAPF Datasheet HTML 73Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 74Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 75Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 76Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 77Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 78Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 79Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 80Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 81Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 124 page
background image
MB90580C Series
77
s
s
s
s ELECTRICAL CHARACTERISTICS
1.
Absolute Maximum Ratings
(VSS
= AVSS = 0.0 V)
*1 : AVCC shall never exceed VCC when power on.
*2 : VI and VO shall never exceed VCC + 0.3 V.
*3 : The maximum output current is a peak value for a corresponding pin.
WARNING: Semiconductor devices can be permanently damaged by application of stress (voltage, current,
temperature, etc.) in excess of absolute maximum ratings. Do not exceed these ratings.
Parameter
Symbol
Rating
Unit
Remarks
Min.
Max.
Power supply voltage
VCC
VSS
− 0.3 VSS + 6.0
V
AVCC
VSS
− 0.3 VSS + 6.0
V
VCC
≥ AVCC *1
AVRH, AVRL
VSS
− 0.3 VSS + 6.0
V
AVCC
≥ AVRH/L, AVRH ≥ AVRL
DVCC
VSS
− 0.3 VSS + 6.0
V
VCC
≥ DVCC
Input voltage
VI
VSS
− 0.3 VSS + 6.0
V
*2
Output voltage
VO
VSS
− 0.3 VSS + 6.0
V
*2
“L” level maximum output
current
IOL
15
mA
*3
“L” level average output
current
IOLAV
4mA
Average output current = operating
current
× operating efficiency
“L” level total maximum
output current
ΣIOL
100
mA
“L” level total average
output current
ΣIOLAV
50
mA
Average output current = operating
current
× operating efficiency
“H” level maximum output
current
IOH
−15
mA
*3
“H” level average output
current
IOHAV
−4mA
Average output current = operating
current
× operating efficiency
“H” level total maximum
output current
ΣIOH
−100
mA
“H” level total average
output current
ΣIOHAV
−50
mA
Average output current = operating
current
× operating efficiency
Power consumption
PD
300
mW
Operating temperature
TA
−40
+85
°C
Storage temperature
Tstg
−55
+150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com