Electronic Components Datasheet Search
  English  ▼

X  

MB90583CAPF Datasheet(PDF) 96 Page - fujitsu semiconductor

Part # MB90583CAPF
Description  16-bit Proprietary Microcontroller
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90583CAPF Datasheet(HTML) 96 Page - fujitsu semiconductor

Back Button MB90583CAPF Datasheet HTML 92Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 93Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 94Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 95Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 96Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 97Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 98Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 99Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 100Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 124 page
background image
MB90580C Series
96
6.
A/D Converter Glossary
Resolution : Analog changes that are identifiable with the A/D converter
Linearity error : The deviation of the straight line connecting the zero transition point (“00 0000 0000”
↔ “00
0000 0001”) with the full-scale transition point (“11 1111 1110”
↔ “11 1111 1111”) from actual
conversion characteristics
Differential linearity error : The deviation of input voltage needed to change the output code by 1 LSB from the
theoretical value
Total error : The total error is defined as a difference between the actual value and the theoretical value, which
includes zero-transition error/full-scale transition error and linearity error.
(Continued)
3FF
3FE
3FD
004
003
002
001
AVRL
AVRH
VNT
{1 LSB
× (N − 1) + 0.5 LSB}
0.5 LSB
0.5 LSB
Total error
Actual conversion
value
Analog input
Total error for digital output N =
VNT
− {1 LSB × (N − 1) + 0.5 LSB}
1 LSB
[LSB]
1 LSB
= (Theoretical value) AVRH − AVRL
1024
[V]
VOT(Theoretical value)
= AVRL + 0.5 LSB [V]
VFST(Theoretical value)
= AVRH − 1.5 LSB [V]
VNT : Voltage at a transition of digital output from (N - 1) to N
Actual conversion
value
Theoretical
characteristics
(Measured value)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com