Electronic Components Datasheet Search
  English  ▼

X  

MB90583CAPF Datasheet(PDF) 57 Page - fujitsu semiconductor

Part # MB90583CAPF
Description  16-bit Proprietary Microcontroller
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90583CAPF Datasheet(HTML) 57 Page - fujitsu semiconductor

Back Button MB90583CAPF Datasheet HTML 53Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 54Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 55Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 56Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 57Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 58Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 59Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 60Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 61Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 124 page
background image
MB90580C Series
57
11. Delayed Interrupt Generation Module
The delayed interrupt generation module is used to generate the task switching interrupt. Interrupt requests to
the F2MC-16LX CPU can be generated and cleared by software using this module.
(1) Register configuration
The DIRR register controls generation and clearing of delayed interrupt requests. Writing “1” to the register
generates a delayed interrupt request. Writing “0” to the register clears the delayed interrupt request. The register
is set to the interrupt cleared state by a reset. Either “0” or “1” can be written to the reserved bits. However,
considering possible future extensions, it is recommended that the set bit and clear bit instructions are used for
register access.
(2) Block Diagram
• Delayed interrupt generation/release register
bit
151413121110
9
8
Address
: 00009FH

R0
DIRR
Access
(
) () () () () () () (R/W)
Initial value
(
) () () () () () ()
(0)
Delayed interrupt generation/
release decode
Interrupt
latch
F2MC-16LX bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com