Electronic Components Datasheet Search
  English  ▼

X  

MB90583CAPF Datasheet(PDF) 41 Page - fujitsu semiconductor

Part # MB90583CAPF
Description  16-bit Proprietary Microcontroller
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90583CAPF Datasheet(HTML) 41 Page - fujitsu semiconductor

Back Button MB90583CAPF Datasheet HTML 37Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 38Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 39Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 40Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 41Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 42Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 43Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 44Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 45Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 124 page
background image
MB90580C Series
41
3.
Watchdog Timer
The watchdog timer consists of a 2-bit watchdog counter using carry signals from the 18-bit time-base timer as
the clock source, a control register, and a watchdog reset control section.
(1) Register configuration
(2) Block Diagram
• Watchdog timer control register
bit
76543210
Address
: 0000A8H
PONR STBR WRST ERST SRST WTE WT1
WT0
WDTC
Access
(R)
(R)
(R)
(R)
(R)
(W)
(W)
(W)
Initial value
(X)
(X)
(X)
(X)
(X)
(1)
(1)
(1)
TBTC
PONR
STBR
WRST
ERST
SRST
TBC0
TBR
TBIE
TBOF
TBC1
WT1
WT0
WTE
WTC
WDCS
SCE
WTC2
WTC1
WTC0
WTR
WTIE
WTOF
WDTC
WDTC
AND
CLR
OF
CLR
212
214
216
219
TBTRES
29
210
211
212
213
214
215
WTRES
211 213 215 218
210 213 214 215
QR
S
AND
Q
R
S
AND
Q
R
S
Time-base
interrupt
Clock
interrupt
Selector
Selector
Selector
Main clock
Clock input
Time-base timer
Watchdog reset
generator
2-bit
counter
Clock timer
Clock input
To WDGRST
internal reset
generator
From power-on reset
generator
Subclock
From RST bit in STBYC
register
From RST pin
From hardware
standby control circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com