Electronic Components Datasheet Search
  English  ▼

X  

MB90583CAPF Datasheet(PDF) 44 Page - fujitsu semiconductor

Part # MB90583CAPF
Description  16-bit Proprietary Microcontroller
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90583CAPF Datasheet(HTML) 44 Page - fujitsu semiconductor

Back Button MB90583CAPF Datasheet HTML 40Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 41Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 42Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 43Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 44Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 45Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 46Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 47Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 48Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 124 page
background image
MB90580C Series
44
6. PWC Timer
The PWC (pulse width count) timer is a 16-bit multifunction up-counter with reload timer functions and input-
signal pulse-width count functions as well.
The PWC timer consists of a 16-bit counter, a input pulse divider, a divide ratio control register, a count input
pin, a pulse output pin, and a 16-bit control register.
(1) Features of the PWC timer
The PWC timer has the following features:
• Timer functions
Generates an interrupt request at set time intervals.
Outputs pulse signals synchronized with the timer cycle.
Selects the counter clock from among three internal clocks.
• Pulse-width count functions
Counts the time between external pulse input events.
Selects the counter clock from among three internal clocks.
Count mode
•H pulse width (rising edge to falling edge)/L pulse width (falling edge to rising edge)
•Rising-edge cycle (rising edge to falling edge)/Falling-edge cycle (falling edge to rising edge)
•Count between edges (rising or falling edge to falling or rising edge)
Capable of counting cycles by dividing input pulses by 22, 24, 26, 28 using an 8-bit input divider.
Generates an interrupt request upon the completion of count operation.
Selects single or consecutive count operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com