Electronic Components Datasheet Search
  English  ▼

X  

MB90583CAPF Datasheet(PDF) 80 Page - fujitsu semiconductor

Part # MB90583CAPF
Description  16-bit Proprietary Microcontroller
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90583CAPF Datasheet(HTML) 80 Page - fujitsu semiconductor

Back Button MB90583CAPF Datasheet HTML 76Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 77Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 78Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 79Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 80Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 81Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 82Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 83Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 84Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 124 page
background image
MB90580C Series
80
(Continued)
(VCC
= 5.0 V±10%, VSS = AVSS = 0.0 V, TA = −40 °C to +85 °C)
* : The current value is preliminary value and may be subject to change for enhanced characteristics without
previous notice. The power supply current is measured with an external clock.
Parameter
Symbol
Pin name
Condition
Value
Unit
Remarks
Min.
Typ.
Max.
Power supply
current*
ICCLS
VCC
VCC
= 5.0 V,
Internal operation
at 8 kHz,
In subsleep mode,
TA
= 25 °C
30
50
µA
MB90583C,
MB90587C,
MB90F583C
ICCT
VCC
= 5.0 V,
Internal operation
at 8 kHz,
In clock mode,
TA
= 25 °C
15
30
µA
MB90583C,
MB90587C,
MB90F583C
ICCH
In stop mode,
TA
= 25 °C
520
µA
MB90583C/CA
MB90587C/CA,
MB90F583C/CA
Input
capacitance
CIN
Except
AVCC, AVSS,
C, VCC and
VSS

10
80
pF
Open-drain
output
leakage
current
Ileak
P40 to P47

0.1
5
µA
Open-drain
output setting
Pull-up
resistance
RUP
P00 to P07
P10 to P17
P60 to P65
RST
25
50
100
k
Ω
Pull-down
resistance
RDOWN
MD2
25
50
100
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com