Electronic Components Datasheet Search
  English  ▼

X  

MB90583CAPF Datasheet(PDF) 19 Page - fujitsu semiconductor

Part # MB90583CAPF
Description  16-bit Proprietary Microcontroller
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90583CAPF Datasheet(HTML) 19 Page - fujitsu semiconductor

Back Button MB90583CAPF Datasheet HTML 15Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 16Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 17Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 18Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 19Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 20Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 21Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 22Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 23Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 124 page
background image
MB90580C Series
19
s
s
s
s HANDLING DEVICES
1.
Preventing Latchup
CMOS ICs may cause latchup in the following situations:
• When a voltage higher than Vcc or lower than Vss is applied to input or output pins.
• When a voltage exceeding the rating is applied between Vcc and Vss.
• When AVcc power is supplied prior to the Vcc voltage.
If latchup occurs, the power supply current increases rapidly, sometimes resulting in thermal breakdown of the
device. Use meticulous care not to let it occur.
For the same reason, also be careful not to let the analog power-supply voltage exceed the digital power-supply
voltage.
2.
Handling unused input pins
Unused input pins left open may cause abnormal operation, or latch-up leading to permanent damage. Unused
input pins should be pulled up or pulled down through at least 2 k
Ω resistance.
Unused input/output pins may be left open in output state, but if such pins are in input state they should be
handled in the same way as input pins.
3.
Treatment of the TX and RX pins with the IEBusTM unused
When the IEBus is not used, connect a pull-down resistor to the TX pin and a pull-down/pull-up resistor to the
RX pin.
4.
Use of the external clock
When the device uses an external clock, drive only the X0 pin while leaving the X1 pin open (See the illustration
below).
5.
Power Supply Pins (VCC/VSS)
In products with multiple VCC or VSS pins, the pins of a same potential are internally connected in the device to
avoid abnormal operations including latch-up. However, connect the pins external power and ground lines to
lower the electro-magnetic emission level to prevent abnormal operation of strobe signals caused by the rise in
the ground level, and to conform to the total current rating.
Make sure to connect VCC and VSS pins via lowest impedance to power lines.
X0
X1
MB90580C series
Open



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com