Electronic Components Datasheet Search
  English  ▼

X  

MB90583CAPF Datasheet(PDF) 34 Page - fujitsu semiconductor

Part # MB90583CAPF
Description  16-bit Proprietary Microcontroller
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90583CAPF Datasheet(HTML) 34 Page - fujitsu semiconductor

Back Button MB90583CAPF Datasheet HTML 30Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 31Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 32Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 33Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 34Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 35Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 36Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 37Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 38Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 124 page
background image
MB90580C Series
34
s
s
s
s PERIPHERAL RESOURCES
1.
I/O Ports
(1) Outline of I/O ports
When a data register serving for control output is read, the data output from it as a control output is read regardless
of the value in the direction register. Note that, if a read modify write instruction (such as a bit set instruction)
is used to preset output data in the data register when changing its setting from input to output, the data read
is not the data register latched value but the input data from the pin.
Ports 0 to 4 and 6 to A are input/output ports which serve as inputs when the direction register value is “0” or
as outputs when the value is “1”.
On the MB90580C series, ports 0 to 3 also serve as external bus pins. When the device is used in external bus
mode, therefore, these ports are restricted on use.
Ports 2 and 3 can be used as ports even in external bus mode depending on the setting of the corresponding
function select bit.
(2) Register configuration
(Continued)
•
Port 0 data register (PDR0)
bit
Address
: 000000H
Access
Initial value
•
Port 1 data register (PDR1)
bit
Address
: 000001H
Access
Initial value
•
Port 2 data register (PDR2)
bit
Address
: 000002H
Access
Initial value
•
Port 3 data register (PDR3)
bit
Address
: 000003H
Access
Initial value
•
Port 4 data register (PDR4)
bit
Address
: 000004H
Access
Initial value
(PDR1)
P07
P06
P05
P04
P03
P02
P01
P00
76
54
3
2
10
(R/W)
(X)
(R/W)
(X)
(R/W)
(X)
(R/W)
(X)
(R/W)
(X)
(R/W)
(X)
(R/W)
(X)
(R/W)
(X)
15
8
…………
(PDR0)
P17
P16
P15
P14
P13
P12
P11
P10
15
14
13
12
11
10
9
8
(R/W)
(X)
(R/W)
(X)
(R/W)
(X)
(R/W)
(X)
(R/W)
(X)
(R/W)
(X)
(R/W)
(X)
(R/W)
(X)
70
…………
(PDR3)
P27
P26
P25
P24
P23
P22
P21
P20
76
54
3
2
10
(R/W)
(X)
(R/W)
(X)
(R/W)
(X)
(R/W)
(X)
(R/W)
(X)
(R/W)
(X)
(R/W)
(X)
(R/W)
(X)
15
8
…………
(PDR2)
P37
P36
P35
P34
P33
P32
P31
P30
15
14
13
12
11
10
9
8
(R/W)
(X)
(R/W)
(X)
(R/W)
(X)
(R/W)
(X)
(R/W)
(X)
(R/W)
(X)
(R/W)
(X)
(R/W)
(X)
70
…………
(PDR5)
P47
P46
P45
P44
P43
P42
P41
P40
76
54
3
2
10
(R/W)
(X)
(RW)
(X)
(R/W)
(X)
(R/W)
(X)
(R/W)
(X)
(R/W)
(X)
(R/W)
(X)
(R/W)
(X)
15
8
…………



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com