Electronic Components Datasheet Search
  English  ▼

X  

MB90583CAPF Datasheet(PDF) 83 Page - fujitsu semiconductor

Part # MB90583CAPF
Description  16-bit Proprietary Microcontroller
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90583CAPF Datasheet(HTML) 83 Page - fujitsu semiconductor

Back Button MB90583CAPF Datasheet HTML 79Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 80Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 81Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 82Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 83Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 84Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 85Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 86Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 87Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 124 page
background image
MB90580C Series
83
(2) Clock Output Timings
(VCC
= 5.0 V±10%, VSS = AVSS = 0.0 V, TA = −40 °C to +85 °C)
(3) Reset, Hardware Standby Input Timing
(VCC
= 5.0 V±10%, VSS = AVSS = 0.0 V, TA = −40 °C to +85 °C)
Parameter
Symbol
Pin name
Condition
Value
Unit
Remarks
Min.
Max.
Clock cycle time
tCYC
CLK
VCC
= 5 V ± 10%
62.5
ns
CLK
↑ → CLK↓
tCHCL
20
ns
Parameter
Symbol
Pin name
Condition
Value
Unit
Remarks
Min.
Max.
Reset input time
tRSTL
RST
4 tCP
ns
Hardware standby input time
tHSTL
HST
4 tCP
ns
CLK
tCYC
2.4 V
2.4 V
0.8 V
tCHCL
RST
HST
0.2 VCC
tRSTL, tHSTL
0.2 VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com