Electronic Components Datasheet Search
  English  ▼

X  

MB90583CAPF Datasheet(PDF) 11 Page - fujitsu semiconductor

Part # MB90583CAPF
Description  16-bit Proprietary Microcontroller
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90583CAPF Datasheet(HTML) 11 Page - fujitsu semiconductor

Back Button MB90583CAPF Datasheet HTML 7Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 8Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 9Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 10Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 11Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 12Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 13Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 14Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 15Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 124 page
background image
MB90580C Series
11
*1: FPT-100P-M06
*2: FPT-100P-M05
(Continued)
Pin no.
Pin name
Circuit
type
Function
QFP*1
LQFP*2
21
19
P43
E
(CMOS/H)
General-purpose I/O port.
This pin serves as an open-drain output port with OD43 in the open-
drain control setting register (ODR4) set to “1”. [The pin is disabled
with the input setting (DDR4 register: D43=“0”).]
SIN1
UART1 serial data input (SIN1) pin.
When UART1 is operating for input, this input is used as required and
thus the output from any other function to the pin must be off unless
used intentionally.
22
20
P44
E
(CMOS/H)
General-purpose I/O port.
This pin serves as an open-drain output port with OD44 in the open-
drain control setting register (ODR4) set to “1”. [The pin is disabled
with the input setting (DDR4 register: D44=“0”).]
SOT1
UART1 serial data output pin (SOT1).
This pin is enabled with the UART1 serial data output enabled.
24
22
P45
E
(CMOS/H)
General-purpose I/O port.
This pin serves as an open-drain output port with OD45 in the open-
drain control setting register (ODR4) set to “1”. [The pin is disabled
with the input setting (DDR4 register: D45=“0”).]
SCK1
UART1 serial clock I/O pin (SCK1).
This pin is enabled with the UART1 clock output enabled.
25
23
P46
E
(CMOS/H)
General-purpose I/O port.
This pin serves as an open-drain output port with OD46 in the open-
drain control setting register (ODR4) set to “1”. [The pin is disabled
with the input setting (DDR4 register: D46=“0”).]
ADTG
External trigger input pin (ADTG) for the A/D converter.
26
24
P47
E
(CMOS/H)
General-purpose I/O port.
This pin serves as an open-drain output port with OD47 in the open-
drain control setting register (ODR4) set to “1”. [The pin is disabled
with the input setting (DDR4 register: D47=“0”).]
38
36
P50
G
(CMOS/H)
General-purpose I/O port.
AN0
Analog input pin (AN0) for use during A/D converter operation.
SIN3
UART3 serial data input pin (SIN3).
When UART3 is operating for input, this input is used as required and
thus the output from any other function to the pin must be off unless
used intentionally.
39
37
P51
G
(CMOS/H)
General-purpose I/O port.
AN1
Analog input pin (AN1) for use during A/D converter operation.
SOT3
UART3 serial data output pin (SOT3).
This pin is enabled with the UART3 serial data output enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com