Electronic Components Datasheet Search
  English  ▼

X  

MB90583CAPF Datasheet(PDF) 10 Page - fujitsu semiconductor

Part # MB90583CAPF
Description  16-bit Proprietary Microcontroller
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90583CAPF Datasheet(HTML) 10 Page - fujitsu semiconductor

Back Button MB90583CAPF Datasheet HTML 6Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 7Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 8Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 9Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 10Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 11Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 12Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 13Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 14Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 124 page
background image
MB90580C Series
10
*1: FPT-100P-M06
*2: FPT-100P-M05
(Continued)
Pin no.
Pin name
Circuit
type
Function
QFP*1
LQFP*2
14
12
P34
F
(CMOS/H)
General-purpose I/O port
Functions as the HRQ pin in external bus mode if the HDE bit in the
EPCR register is “1”.
HRQ
Functions as the hold request input pin (HRQ) in external bus mode.
15
13
P35
F
(CMOS/H)
General-purpose I/O port
Functions as the HAK pin in external bus mode if the HDE bit in the
EPCR register is “1”.
HAK
Functions as the hold acknowledge output pin (HAK) in external bus
mode.
16
14
P36
F
(CMOS/H)
General-purpose I/O port
Functions as the RDY pin in external bus mode if the RYE bit in the
EPCR register is “1”.
RDY
Functions as the external ready input pin (RDY) in external bus mode.
17
15
P37
F
(CMOS/H)
General-purpose I/O port
Functions as the CLK pin in external bus mode if the CKE bit in the
EPCR register is “1”.
CLK
Functions as the machine cycle clock output pin (CLK) in external bus
mode.
18
16
P40
E
(CMOS/H)
General-purpose I/O port.
This pin serves as an open-drain output port with OD40 in the open-
drain control setting register (ODR4) set to “1”. [The pin is disabled
with the input setting (DDR4 register: D40=“0”).]
SIN0
UART0 serial data input (SIN0) pin.
When UART0 is operating for input, this input is used as required and
thus the output from any other function to the pin must be off unless
used intentionally.
19
17
P41
E
(CMOS/H)
General-purpose I/O port.
This pin serves as an open-drain output port with OD41 in the open-
drain control setting register (ODR4) set to “1”. [The pin is disabled
with the input setting (DDR4 register: D41=“0”).]
SOT0
UART0 serial data output pin (SOT0).
This pin is enabled with the UART0 serial data output enabled.
20
18
P42
E
(CMOS/H)
General-purpose I/O port.
This pin serves as an open-drain output port with OD42 in the open-
drain control setting register (ODR4) set to “1”. [The pin is disabled
with the input setting (DDR4 register: D42=“0”).]
SCK0
UART0 serial clock I/O pin (SCK0).
This pin is enabled with the UART0 clock output enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com