Electronic Components Datasheet Search
  English  ▼

X  

MB90583CAPF Datasheet(PDF) 73 Page - fujitsu semiconductor

Part # MB90583CAPF
Description  16-bit Proprietary Microcontroller
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90583CAPF Datasheet(HTML) 73 Page - fujitsu semiconductor

Back Button MB90583CAPF Datasheet HTML 69Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 70Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 71Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 72Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 73Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 74Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 75Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 76Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 77Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 124 page
background image
MB90580C Series
73
20. One-Megabit Flash Memory
The 1Mbit flash memory is allocated in the FEH to FFH banks on the CPU memory map. Like masked ROM,
flash memory is read-accessible and program-accessible to the CPU using the flash memory interface circuit.
The flash memory can be programmed/erased by the instruction from the CPU via the flash memory interface
circuit. The flash memory can therefore be reprogrammed (updated) while still on the circuit board under
integrated CPU control, allowing program code and data to be improved efficiently.
Note that sector operations such as “enable sector protect” cannot be used.
Features of 1Mbit flash memory
• 128K words x 8 bits or 64K words x 16 bits (16K + 512 x 2 + 7K + 8K + 32K + 64K) sector configuration
• Automatic program algorithm (Embedded Algorithm*: Same as the MBM29F400TA)
• Erasure suspend/resume function integrated
• Detection of programming/erasure completion using the data polling or toggle bit
• Detection of programming/erasure completion using CPU interrupts
• Compatible with JEDEC standard commands
• Capable of erasing data sector by sector (arbitrary combination of sectors)
• Minimum number of times of programming/erasure: 100,000
* : Embedded Algorithm is a trademark of Advanced Micro Devices, Inc.
(1) Register configuration
• Flash memory control status register
bit
7
6543210
Address
: 0000AEH
INTE
RDY-
INT
WE
RDY Reserved LPM1 Reserved LPM0
FMCS
Access
(R/W)
(R/W)
(R/W)
(R)
(W)
(R/W)
(W)
(R/W)
Initial value
(0)
(0)
(0)
(X)
(0)
(0)
(0)
(0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com