Electronic Components Datasheet Search
  English  ▼

X  

MB90583CAPF Datasheet(PDF) 12 Page - fujitsu semiconductor

Part # MB90583CAPF
Description  16-bit Proprietary Microcontroller
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90583CAPF Datasheet(HTML) 12 Page - fujitsu semiconductor

Back Button MB90583CAPF Datasheet HTML 8Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 9Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 10Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 11Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 12Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 13Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 14Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 15Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 16Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 124 page
background image
MB90580C Series
12
*1: FPT-100P-M06
*2: FPT-100P-M05
(Continued)
Pin no.
Pin name Circuit type
Function
QFP*1
LQFP*2
40
38
P52
G
(CMOS/H)
General-purpose I/O port.
AN2
Analog input pin (AN2) for use during A/D converter operation.
SCK3
UART3 serial clock I/O pin (SCK3).
This pin is enabled with the UART3 clock output enabled.
41
39
P53
G
(CMOS/H)
General-purpose I/O port.
AN3
Analog input pin (AN3) for use during A/D converter operation.
43
41
P54
G
(CMOS/H)
General-purpose I/O port.
AN4
Analog input pin (AN4) for use during A/D converter operation.
SIN4
UART4 serial data input pin (SIN4).
When UART4 is operating for input, this input is used as required
and thus the output from any other function to the pin must be off
unless used intentionally.
44
42
P55
G
(CMOS/H)
General-purpose I/O port.
AN5
Analog input pin (AN5) for use during A/D converter operation.
SOT4
UART4 serial data output pin (SOT4).
This pin is enabled with the UART4 serial data output enabled.
45
43
P56
G
(CMOS/H)
General-purpose I/O port.
AN6
Analog input pin (AN6) for use during A/D converter operation.
SCK4
UART4 serial clock output pin (SCK4).
This pin is enabled with the UART4 clock output enabled.
46
44
P57
G
(CMOS/H)
General-purpose I/O port.
AN7
Analog input pin (AN7) for use during A/D converter operation.
27
25
C
0.1
µF capacitor coupling pin for regulating the power supply.
28
26
P71
F (CMOS/H)
General-purpose I/O port.
29
27
P72
F (CMOS/H) General-purpose I/O port.
32
30
P73
H
(CMOS/H)
General-purpose I/O port.
This pin serves as a D/A output pin (DA00) when the DAE0 bit in
the D/A control register (DACR) is “1”.
DA00
D/A converter output 0 (DA00) pin.
33
31
P74
H
(CMOS/H)
General-purpose I/O port.
This pin serves as a D/A output pin (DA01) when the DAE1 bit in
the D/A control register (DACR) is “1”.
DA01
D/A converter output 1 pin (DA01).
47
45
P80
F
(CMOS/H)
General-purpose I/O port.
IRQ0
Functions as external interrupt request input 0 pin (IRQ0).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com