| Electronic Components Datasheet Search |
|
MB90583CAPF Datasheet(PDF) 1 Page - fujitsu semiconductor |
|
|
|||||||||||||||||||||||||||||
MB90583CAPF Datasheet(HTML) 1 Page - fujitsu semiconductor |
|
1 / 124 page ![]() DS07-13710-2E FUJITSU SEMICONDUCTOR DATA SHEET 16-bit Proprietary Microcontroller CMOS F2MC-16LX MB90580C Series MB90583C/583CA/F583C/F583CA/587C/587CA/V580B s s s s DESCRIPTION The MB90580C series is a line of general-purpose, Fujitsu 16-bit microcontrollers designed for process control applications which require high-speed real-time processing, such as consumer products. While inheriting the AT architecture of the F2MC*1 family, the instruction set for the F2MC-16LX CPU core of the MB90580C series incorporates additional instructions for high-level languages, supports extended addressing modes, and contains enhanced multiplication and division instructions as well as a substantial collection of improved bit manipulation instructions. In addition, the MB90580C has an on-chip 32-bit accumulator which enables processing of long-word data. The peripheral resources integrated in the MB90580C series include: an 8/10-bit A/D converter, an 8-bit D/A converter, UARTs (SCI) 0 to 4, an 8/16-bit PPG timer, 16-bit I/O timers (16-bit free-run timer, input capture units (ICUs) 0 to 3, output compare units (OCUs) 0 and 1), and an IEBusTM controller *2. Notes: *1: F2MC stands for FUJITSU Flexible Microcontroller, a registered trademark of FUJITSU LIMITED. *2: IEBusTM is a trademark of NEC Corporation. s s s s FEATURES • Minimum execution time: 62.5 ns/4 MHz oscillation (Uses PLL clock multiplication) maximum multiplier = 4 • Maximum memory space 16 Mbyte Linear/bank access (Continued) s s s s PACKAGES 100-pin plastic LQFP 100-pin plastic QFP (FPT-100P-M05) (FPT-100P-M06) |
Similar Part No. - MB90583CAPF |
|
Similar Description - MB90583CAPF |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |