Electronic Components Datasheet Search
  English  ▼

X  

UPD7564 Datasheet(PDF) 32 Page - NEC

Part # UPD7564
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD7564 Datasheet(HTML) 32 Page - NEC

Back Button UPD7564 Datasheet HTML 28Page - NEC UPD7564 Datasheet HTML 29Page - NEC UPD7564 Datasheet HTML 30Page - NEC UPD7564 Datasheet HTML 31Page - NEC UPD7564 Datasheet HTML 32Page - NEC UPD7564 Datasheet HTML 33Page - NEC UPD7564 Datasheet HTML 34Page - NEC UPD7564 Datasheet HTML 35Page - NEC UPD7564 Datasheet HTML 36Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 56 page
background image
Mne-
Ope-
Operation Code
Operation
Skip
monic
rands
B1
B2
Condition
Transfers the contents of the accumulator
SIO7–4
←A
to the four high-order bits of the shift
TAMSIO
001111110
0111110
SIO3–0
←(HL)
register and the contents of the memory
addressed by HL to the four low-order bits.
Transfers the four high-order bits of the
TSIOAM
001111110
0111010
A
←SIO7–4
shift register to the accumulator and the
(HL)
←SIO3–0
four low-order bits to the memory
addressed by HL.
SIO
001111110
0110011
Start SIO
Starts shifting.
TIMER
001111110
0110010
Start Timer
Starts timer operation.
Transfers the four high-order bits of
A
←CT7–4
the count register to the accumulator
TCNTAM
001111110
0111011
(HL)
←CT3–0
and the four low-order bits to the
memory addressed by HL.
IPL
01110000
A
←Port (L)
Loads the contents of the port specified
by the L register to the accumulator.
Outputs the contents of the accumu-
OPL
01110010
Port/Mode reg. (L)
←A
lator to the port specified by the L
register or the mode register.
RPBL*
01011100
Port bit (L)
←0
Resets the bits of ports 8, 10, and 11,
that are specified by the L register.
SPBL*
01011101
Port bit (L)
←1
Sets the bits of ports 8, 10, and 11,
that are specified by the L register.
HALT
001111110
0110110
Set Halt Mode
Sets the HALT mode.
STOP
001111110
0110111
Set Stop Mode
Sets the STOP mode.
NOP
00000000
No operation
Performs no operation for one
machine cycle.
Note
*
SPBL and RPBL are bit-wise set/reset instructions. They perform output to each 4-bit port including the specified bits as well as set and reset operation
(They output the contents of the output latch to bits other than the specified bits.). Before executing these instructions, intialize the contents of the output
latch using the OPL instruction.
Note
Instruction Group



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com