Electronic Components Datasheet Search
  English  ▼

X  

UPD7564 Datasheet(PDF) 11 Page - NEC

Part # UPD7564
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD7564 Datasheet(HTML) 11 Page - NEC

Back Button UPD7564 Datasheet HTML 7Page - NEC UPD7564 Datasheet HTML 8Page - NEC UPD7564 Datasheet HTML 9Page - NEC UPD7564 Datasheet HTML 10Page - NEC UPD7564 Datasheet HTML 11Page - NEC UPD7564 Datasheet HTML 12Page - NEC UPD7564 Datasheet HTML 13Page - NEC UPD7564 Datasheet HTML 14Page - NEC UPD7564 Datasheet HTML 15Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 56 page
background image
11
µPD7564A, 7564A(A)
1.6
RECOMMENDED CONNECTION OF UNUSED
µPD7564A PINS
Pin
Recommended Connection
P00/INT0
Connect to VSS.
P01 to P03
Connect to VSS or VDD.
P80 to P82
Leave open.
P100 to P103
P110 to P113
1.7
OPERATION OF INPUT/OUTPUT PORTS
(1) P00 to P03 (Port 0)
The port 0 is a 4-bit input port consisting of 4-bit input pins P00 to P03. In addition to being used for port input,
P00 serves as a count clock input or testable input (INT0), each of P01 to P03 serves as a serial interface input/output.
To use P00 as a count clock input, set bits 2 (CM2) and 1 (CM1) of the clock mode register to 01. (See 2.10 “CLOCK
CONTROL CIRCUIT” for details.)
To use P00 as a INT0, set bit 3 (SM3) of the shift mode register to 1.
The serial interface function to use P01 to P03 as a serial interface I/O port is determined by bits 2 and 1 (SM2
and SM1) of the shift mode register. See 2.12 “SERIAL INTERFACE” for details.
Even though this port operates using any function other than the port function, execution of the port input
instruction (IPL) permits loading data on the P00 to P03 line to the accumulator (A0 to A3) at any time.
(2) P80 to P83 (Port 8)
The port 8 is a 4-bit output port with an output latch, which consists of 4-bit output pin.
The port output instruction (OPL) latches the content of the accumulator (A0 to A3) to the output latch and outputs
it to pins P80 to P83.
The SPBL and RPBL instructions allow bit-by-bit setting and resetting of pins P80 to P82.
For these ports, mask options for the output format are available to select CMOS (push-pull) output or N-ch open-
drain output.
The port specified as a N-ch open-drain output and provides an efficient interface to the circuit operating at a
different supply voltage because the output buffer has a dielectric strength of 9 V.
Input state : Connect to VSS or VDD.
Output state: Leave open.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com