Electronic Components Datasheet Search
  English  ▼

X  

UPD7564 Datasheet(PDF) 13 Page - NEC

Part # UPD7564
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD7564 Datasheet(HTML) 13 Page - NEC

Back Button UPD7564 Datasheet HTML 9Page - NEC UPD7564 Datasheet HTML 10Page - NEC UPD7564 Datasheet HTML 11Page - NEC UPD7564 Datasheet HTML 12Page - NEC UPD7564 Datasheet HTML 13Page - NEC UPD7564 Datasheet HTML 14Page - NEC UPD7564 Datasheet HTML 15Page - NEC UPD7564 Datasheet HTML 16Page - NEC UPD7564 Datasheet HTML 17Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 56 page
background image
13
µPD7564A, 7564A(A)
2.
INTERNAL BLOCK FUNCTIONS
2.1
PROGRAM COUNTER (PC): 10 BITS
The program counter is a 10-bit binaryc ounter to retain program memory (ROM) address information.
Fig. 2-1 Program Counter Configuration
PC9
PC8
PC7
PC6
PC5
PC4
PC3
PC2
PC1
PC0
PC
When one instruction is executed, usually the program counter is incremented by the number of bytes of the
instruction.
When the call instruction is executed, the PC is loaded with a nkew call address after the stack memory saves
the current contents (return address) of the PC. When the return instruction is executed, the content (return address)
of the stack memory is loaded onto the PC. When the jump instruction is executed, the immediate data identifying
the destination of the jump is loaded to all or some of bits of the PC.
When a skip occurs, the PC is incremented by 2 or 3 during the machine cycle depending on the number of bytes
in the next instruction.
When the RESET signal is input, all the bits of the PC are cleared to zero.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com