Electronic Components Datasheet Search
  English  ▼

X  

UPD7564 Datasheet(PDF) 23 Page - NEC

Part # UPD7564
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD7564 Datasheet(HTML) 23 Page - NEC

Back Button UPD7564 Datasheet HTML 19Page - NEC UPD7564 Datasheet HTML 20Page - NEC UPD7564 Datasheet HTML 21Page - NEC UPD7564 Datasheet HTML 22Page - NEC UPD7564 Datasheet HTML 23Page - NEC UPD7564 Datasheet HTML 24Page - NEC UPD7564 Datasheet HTML 25Page - NEC UPD7564 Datasheet HTML 26Page - NEC UPD7564 Datasheet HTML 27Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 56 page
background image
23
µPD7564A, 7564A(A)
Fig. 2-16 Shift Mode Register Format
Shift Mode Register
Settings for serial interface operation and the associated mode of the port 0
INT0/INTS selection
SM3
Test Sources
0
INTS
1
INT0
Caution
When setting a code in the shift mode register using the OPL instruction, be sure to set bit 0 of the
accumulator to 0 (Bit 0 corresponds to CM0 of the
µPD7500H of EVAKIT-7500B in emulation).
In the system which does not require serial interface, the 8-bit shift register can be used as a simple register and
data can be read or writtene by the TSIOAM or TAMSIO instruction when serial operation is off.
2.13 TEST CONTROL CIRCUIT
The
µPD7564A is provided with the following three types of test sources (one external source and two internal
sources):
The test control circuit checks consist mainly of test request flags (INTT RQF and INT0/S RQF) which are set by
three different test sources and the test request flag control circuit which checks the content of test request flags
using the SKI instruction and controls resetting the checked flags.
The INT0 and INTS are common in the request flag. Which one is selected is determined by bit 3 (SM3) of the
shift mode register.
SM3
SM2
SM1
SM2
SM1
P03/SI
P02/SO
P01/SCK
Serial Operation
00
Port input
Port input
Port input
Stop
01
φ continuous output
10
SI input
SO output
SCK input
Operation based on external clock
1
1
SCK output (
φ × 8)
Operation based on
φ
Test Sources
Internal/External
Request Flag
INTT (Overflow from timer/event counter)
Internal
INTT RQF
INT0 (Test request signal from P00 pin)
External
INT 0/S RQF
INTS (Transfer end signal from serial interface)
Internal
SM3
Test Sources
0
INTS
1
INT0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com