Electronic Components Datasheet Search
  English  ▼

X  

UPD7564 Datasheet(PDF) 7 Page - NEC

Part # UPD7564
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD7564 Datasheet(HTML) 7 Page - NEC

Back Button UPD7564 Datasheet HTML 3Page - NEC UPD7564 Datasheet HTML 4Page - NEC UPD7564 Datasheet HTML 5Page - NEC UPD7564 Datasheet HTML 6Page - NEC UPD7564 Datasheet HTML 7Page - NEC UPD7564 Datasheet HTML 8Page - NEC UPD7564 Datasheet HTML 9Page - NEC UPD7564 Datasheet HTML 10Page - NEC UPD7564 Datasheet HTML 11Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 56 page
background image
7
µPD7564A, 7564A(A)
1.3
PIN MASK OPTION
Each pin is provided with the following mask options which can be selected for each bit according to the purpose:
Pin Name
Mask Options
P00
Œ No internally provided resistor  Pull-down resistor internally provided Ž Pull-up resistor internally provided
P01
Œ No internally provided resistor  Pull-down resistor internally provided Ž Pull-up resistor internally provided
P02
Œ No internally provided resistor  Pull-down resistor internally provided Ž Pull-up resistor internally provided
P03
Œ No internally provided resistor  Pull-down resistor internally provided Ž Pull-up resistor internally provided
P80
Œ N-ch open-drain output
 CMOS (push-pull) output
P81
Œ N-ch open-drain output
 CMOS (push-pull) output
P82
Œ N-ch open-drain output
 CMOS (push-pull) output
P100
Œ N-ch open-drain input/output
 Push-pull input/output
Ž N-ch open-drain + pull-up resistor built-in input/output
P101
Œ N-ch open-drain input/output
 Push-pull input/output
Ž N-ch open-drain + pull-up resistor built-in input/output
P102
Œ N-ch open-drain input/output
 Push-pull input/output
Ž N-ch open-drain + pull-up resistor built-in input/output
P103
Œ N-ch open-drain input/output
 Push-pull input/output
Ž N-ch open-drain + pull-up resistor built-in input/output
P110
Œ N-ch open-drain input/output
 Push-pull input/output
Ž N-ch open-drain + pull-up resistor built-in input/output
P111
Œ N-ch open-drain input/output
 Push-pull input/output
Ž N-ch open-drain + pull-up resistor built-in input/output
P112
Œ N-ch open-drain input/output
 Push-pull input/output
Ž N-ch open-drain + pull-up resistor built-in input/output
P113
Œ N-ch open-drain input/output
 Push-pull input/output
Ž N-ch open-drain + pull-up resistor built-in input/output
RESET
Œ Incorporating no pull-down resistor
 Incorporating a pull-down resistor
There is no mask option for PROM products. For more information, see the
µPD75P64 Data Sheet (IC-2838).
1.4
CAUTION ON USE OF P00/INT0 PIN AND RESET PIN
In addition to the functions shown in 1.1, 1.2 and 1.3, the P00/INT0 pin and RESET pin have a function for setting
the test mode in which the internal operation of the
µPD7564A is tested (IC test only).
When a potential greater than VSS is applied to either of these pins, the test mode is set. As a result, if noise
exceeding VSS is applied during normal operation, the test mode will be entered and normal operation may be
impeded.
If, for example, the routing of the wiring between the P00/INT0 pin and RESET pin is long, the above problem
may occur as the result of inter-wiring noise between these pins.
Therefore, wiring should be carried out so as to suppress inter-wiring noise as far as possible. If it is not possible
to suppress noise, anti-noise measures should be taken using external parts as shown in the figures below.
• Connection of diode with small VF between P00/
INT4/RESET pin and VSS
• Connection of capacitor between P00/INT0/
RESET pin and VSS
VDD
VDD
P00/INT0, RESET
VSS
VDD
VDD
P00/INT0, RESET
VSS
Diode
with
Small VF
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com