Electronic Components Datasheet Search
  English  ▼

X  

UPD7564 Datasheet(PDF) 19 Page - NEC

Part # UPD7564
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD7564 Datasheet(HTML) 19 Page - NEC

Back Button UPD7564 Datasheet HTML 15Page - NEC UPD7564 Datasheet HTML 16Page - NEC UPD7564 Datasheet HTML 17Page - NEC UPD7564 Datasheet HTML 18Page - NEC UPD7564 Datasheet HTML 19Page - NEC UPD7564 Datasheet HTML 20Page - NEC UPD7564 Datasheet HTML 21Page - NEC UPD7564 Datasheet HTML 22Page - NEC UPD7564 Datasheet HTML 23Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 56 page
background image
19
µPD7564A, 7564A(A)
2.10 CLOCK CONTROL CIRCUIT
The clock control circuit consists of 2-bit clock mode registers (CM2 and CM1), prescalers 1, 2 and 3, and a
multiplexer. The circuit inputs the system clock generator output (CL) and the event pulse (P00). It also selects a
clock source and a prescaler according to the specifications of clock mode register and supplies a count pulse (CP)
to the timer/event counter.
Fig. 2-10 Clock Control Circuit
CP
CL
P00
PRESCALER 1
(1/4)
PRESCALER 2
(1/8)
PRESCALER 3
(1/8)
OPL*
CM2 CM1
Internal Bus
* Instruction execution
Use the OPL instruction to set codes in the clock mode registers.
Fig. 2-11 Clock Mode Register Format
Clock Mode Register
Caution
When setting codes in the clock mode registers using the OPL instruction, be sure to set bit 0 of the
accumulator to 0. (Bit 0 corresponds to CM0 of the
µPD7500 of EVAKIT-7500B in emulation.)
CM2
CM1
CM2
CM1
Count Pulse Frequency (CP)
0
0
CL
× 1
256
0
1
P00
1
0
CL
× 1
32
1
1
CL
× 1
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com