Electronic Components Datasheet Search
  English  ▼

X  

UPD7564 Datasheet(PDF) 52 Page - NEC

Part # UPD7564
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD7564 Datasheet(HTML) 52 Page - NEC

Back Button UPD7564 Datasheet HTML 48Page - NEC UPD7564 Datasheet HTML 49Page - NEC UPD7564 Datasheet HTML 50Page - NEC UPD7564 Datasheet HTML 51Page - NEC UPD7564 Datasheet HTML 52Page - NEC UPD7564 Datasheet HTML 53Page - NEC UPD7564 Datasheet HTML 54Page - NEC UPD7564 Datasheet HTML 55Page - NEC UPD7564 Datasheet HTML 56Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 52 / 56 page
background image
52
µPD7564A, 7564A(A)
APPENDIX B.
DEVELOPMENT TOOLS
The following development tools are available for developing systems that use
µPD7564A.
Language Processor
Host Machine
OS
Supply Medium
Ordering Code
(Product Name)
MS-DOS™
3.5-inch 2HD
µS5A13AS7554
PC-9800 series
(Ver.3.10 to
Ver.5.00A*)
5-inch 2HD
µS5A10AS7554
IBM PC/AT™
PC DOS™
5-inch 2HC
µS7B10AS7554
(Ver. 3.1)
PROM Write Tools
*
A task swap function is provided in Ver. 5.00/5.00A, but the task swap function cannot be used with this
software.
Remarks
Operation of the assembler and PG-1500 controller is only guaranteed on the host machines and
OSs shown above.
PROM programmer which allows programming of single-chip microcomputer with
typical PROM of 256K to 4M bits by stand-alone or from a host machine by
connecting the accessory board and optional programmer adapter.
µPD75P54/75P64 PROM programmer adapter. Used by connecting it to the PG-1500.
Connects the PG-1500 and host machine by serial and parallel interface and controls
the PG-1500 on the host machine.
PG-1500
PA-75P54CS
Ordering Code
Host Machine
OS
Supply Medium
(Product Name)
MS-DOS
3.5-inch 2HD
µS5A13PG1500
PC-9800 series
(Ver.3.10 to
Ver.5.00A*)
IBM PC/AT
PC DOS
5-inch 2HC
µS7B10PG1500
(Ver.3.1)
5-inch 2HD
µS5A10PG1500
PG-1500 controller
This program is used to convert the program written with mnemonic codes to the
program written with object codes so that the program can be executed by the
microcomputer.
The function for automatic optimization of branch instruction and so on is also
provided.
µPD7550/7560 series
absolute assembler



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com