Electronic Components Datasheet Search
  English  ▼

X  

UPD7564 Datasheet(PDF) 33 Page - NEC

Part # UPD7564
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD7564 Datasheet(HTML) 33 Page - NEC

Back Button UPD7564 Datasheet HTML 29Page - NEC UPD7564 Datasheet HTML 30Page - NEC UPD7564 Datasheet HTML 31Page - NEC UPD7564 Datasheet HTML 32Page - NEC UPD7564 Datasheet HTML 33Page - NEC UPD7564 Datasheet HTML 34Page - NEC UPD7564 Datasheet HTML 35Page - NEC UPD7564 Datasheet HTML 36Page - NEC UPD7564 Datasheet HTML 37Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 56 page
background image
33
µPD7564A, 7564A(A)
6.
ELECTRICAL SPECIFICATIONS
µPD7564A: ABSOLUTE MAXIMUM RATINGS (Ta = 25°C)
Parameter
Symbol
Test Conditions
Rating
Unit
Supply voltage
VDD
–0.3 to +7.0
V
Except ports 10 and 11
–0.3 to VDD + 0.3
V
Input voltage
VI
Ports 10 and 11
*1
–0.3 to VDD + 0.3
V
*2
–0.3 to +11
V
Except ports 8, 10, 11
–0.3 to VDD + 0.3
V
Output voltage
VO
Ports 8, 10 and 11
*1
–0.3 to VDD + 0.3
V
*2
–0.3 to +11
V
Output current high
IOH
1 pin
–5
mA
All pins in total
–15
mA
P01, P02
5
mA
Output current low
IOL
1 pin
Port 8
30
mA
Others
15
mA
All pins in total
100
mA
Operating temperature
Topt
–10 to +70
°C
Storage temperature
Tstg
–65 to +150
°C
Power consumption
Pd
Ta = 70
°C
Shrink DIP
480
mW
Mini flat
250
*1. CMOS input/output or N-ch open-drain output + pull-up resistor built-in input/output
2. N-ch open-drain input/output
Caution
Even if one of the parameters exceeds its absolute maximum rating even momentarily, the quality of
the product may be degraded. The absolute maximum rating therefore specifies the upper or lower
limit of the value at which the product can be used without physical damages. Be sure not to exceed
or fall below this value when using the product.
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com