Electronic Components Datasheet Search
  English  ▼

X  

UPD7564 Datasheet(PDF) 53 Page - NEC

Part # UPD7564
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD7564 Datasheet(HTML) 53 Page - NEC

Back Button UPD7564 Datasheet HTML 48Page - NEC UPD7564 Datasheet HTML 49Page - NEC UPD7564 Datasheet HTML 50Page - NEC UPD7564 Datasheet HTML 51Page - NEC UPD7564 Datasheet HTML 52Page - NEC UPD7564 Datasheet HTML 53Page - NEC UPD7564 Datasheet HTML 54Page - NEC UPD7564 Datasheet HTML 55Page - NEC UPD7564 Datasheet HTML 56Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 53 / 56 page
background image
53
µPD7564A, 7564A(A)
Debugging Tools
*
A task swap function is provided in Ver. 5.00/5.00A, but the task swap function cannot be used with this
software.
Caution
It is not possible to internally mount a pull-up resistor in a port in the EVAKIT-7500B. When
evaluating, arrange to have a pull-up resistor mounted in the user system.
Remarks
Operation of the EVAKIT controller is only guaranteed on the host machines and OSs shown above.
EVAKIT-7500B is an evaluation board that can be used for
µPD7500 series models.
For
µPD7564A, EVAKIT-7500B and option board EV-7554A are combined and used
for system development.
EVAKIT-7500B can operate alone. EVAKIT-7500B has a built-in serial interface on
the board, so it enables debugging when it is connected to a RS-232-C interfaced
console.
EVAKIT-7500B works as is a real-time tracer and traces state of the program counter
and output port in real time. EVAKIT-7500B has a built-in PROM writer and improves
debugging efficiency considerably.
EV-7554A is an adapter board which is connected to EVAKIT-7500B and evaluates
µPD7564A.
SE-7554A is a simulation board that has the programs developed by EVAKIT-7500B.
SE-7554A evaluates a system in place of
µPD7564A.
EVAKIT-7500 Control Program connects EVAKIT-7500B and the host machine with
RC-232-C and controls EVAKIT-7500B on the host machine.
EV-7554A
SE-7554A
EVAKIT-7500B
Ordering Code
Host Machine
OS
Supply Medium
(Product Name)
PC-9800
MS-DOS
3.5-inch 2HD
µS5A13EV7500-P01
series
(Ver.3.10 to
Ver.5.00A*)
IBM PC
PC DOS
5-inch 2HC
µS7B11EV7500-P01
series
(Ver.3.1)
5-inch 2HD
µS5A10EV7500-P01
EVAKIT-7500
control program
(EVAKIT controller)
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com