Electronic Components Datasheet Search
  English  ▼

X  

UPD7564 Datasheet(PDF) 17 Page - NEC

Part # UPD7564
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD7564 Datasheet(HTML) 17 Page - NEC

Back Button UPD7564 Datasheet HTML 13Page - NEC UPD7564 Datasheet HTML 14Page - NEC UPD7564 Datasheet HTML 15Page - NEC UPD7564 Datasheet HTML 16Page - NEC UPD7564 Datasheet HTML 17Page - NEC UPD7564 Datasheet HTML 18Page - NEC UPD7564 Datasheet HTML 19Page - NEC UPD7564 Datasheet HTML 20Page - NEC UPD7564 Datasheet HTML 21Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 56 page
background image
17
µPD7564A, 7564A(A)
2.6
ACCUMULATOR (A): 4 BITS
The accumulator is a 4-bit register which plays a major role in many types of arithmetic operations. The
accumulator may be processed in 8-bit units when paired with the data memory addressed by the pair register HL.
Fig. 2-7 Accumulator Configuration
A3
A2
A1
A0
A
2.7
ARITHMETIC LOGIC UNIT (ALU): 4 BITS
The arithmetic logic unit is a 4-bit arithmetic circuit to perform arithmetic and bit processing such as binary
addition, logical operation, incrementation, decrementation, and comparison.
2.8
PROGRAM STATUS WORD (PSW): 4 BITS
The program status word consists of skip flags (SK1 and SK0) and a carry flag (C). Bit 1 of the PSW is fixed at 0.
Fig. 2-8 Program Status Word Configuration
SK1
SK0
0
C
PSW
32
1
0
(1) Skip flags (SK1 and SK0)
Skip flags store the following skip status:
• Stacking by the LAI instruction
• Stacking by the LHLI instruction
• Skip condition establishment by any instruction other than stack instructions
The skip flags are set and reset automatically when respective instructions are executed.
(2) Carry flag (C)
The carry flag is set to 1 when a carry from bit 3 of the ALU occurs when the add instruction (ACSC) is executed.
The flag is reset to 0 when the carry does not occur. The SC and RC instructions respectively set and reset the carry
flag. The SKC instruction tests the contents of the flag.
The content of the PSW are automatically stored in the stack area when the call instruction is executed. It cannot
be restored by the return inhstruction.
When the RESET signal is input, SK1 and SK0 are both cleared to zero and C becomes undefined.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com