Electronic Components Datasheet Search
  English  ▼

X  

UPD7564 Datasheet(PDF) 18 Page - NEC

Part # UPD7564
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD7564 Datasheet(HTML) 18 Page - NEC

Back Button UPD7564 Datasheet HTML 14Page - NEC UPD7564 Datasheet HTML 15Page - NEC UPD7564 Datasheet HTML 16Page - NEC UPD7564 Datasheet HTML 17Page - NEC UPD7564 Datasheet HTML 18Page - NEC UPD7564 Datasheet HTML 19Page - NEC UPD7564 Datasheet HTML 20Page - NEC UPD7564 Datasheet HTML 21Page - NEC UPD7564 Datasheet HTML 22Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 56 page
background image
18
µPD7564A, 7564A(A)
2.9
SYSTEM CLOCK GENERATOR
The system clock generator contains an ceramic oscillator, 1/2 divider, and standby (STOP/HALT) mode control
circuit.
Fig. 2-9 System Clock Generator
HALT RELEASE
RESET (
)
(To CPU)
CL (System Clock)
RESET (High)
HALT*
STOP*
HALT F/F
QS
R
QS
R
STOP F/F
CL1
CL2
1/2
φ
Ceramic
Oscillator
* Instruction execution
Oscillator
Stop
RESET (
)
The ceramic oscillator oscillates with a ceramic resonator R connected to pins CL1 and CL2.
The ceramic oscillator outputs the system clock (CL) which is 1/2 divided to the CPU clock (
φ).
The control circuit in the standby mode consists mainly of STOP F/F and HALT F/F.
The STOP F/F is set by the STOP instruction to stop ceramic oscillation, blocking every clock from being supplied
(STOP mode). The STOP F/F is reset by the RESET input (high level) to restart ceramic oscillation. When the RESET
input returns to the low level after that, the oscillator once more supplys each clock.
The HALT F/F is set by the HALT instruction to disable the input to the 1/2 divider which generates the CPU clock
φ, stopping only the CPU clock φ (HALT mode).
The HALT F/F is reset at the fall of the HALT RELEASE signal (which goes active when even one test request flag
is set) or the RESET input signal, causing the oscillator to start supplying the CPU clock
φ.
The HALT F/F remains on for the same function of the HALT mode even while the RESET input is active (high).
When a power-on reset occurs, ceramic oscillation starts at rise of the RESET input signal. However, it takes a
certain time for the oscillation output level to be stabilized after the start of oscillation. To prevent the CPU from
malfunctioning by unstable clock pulses, the standby mode control circuit sets the HALT F/F while the RESET input
remains high to suppress the CPU clock
φ. Thus the high-level duration of the RESET input must be set so that it
exceeds the stabilizing time required for the ceramic resonator to be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com