Electronic Components Datasheet Search
  English  ▼

X  

UPD7564 Datasheet(PDF) 5 Page - NEC

Part # UPD7564
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD7564 Datasheet(HTML) 5 Page - NEC

  UPD7564 Datasheet HTML 1Page - NEC UPD7564 Datasheet HTML 2Page - NEC UPD7564 Datasheet HTML 3Page - NEC UPD7564 Datasheet HTML 4Page - NEC UPD7564 Datasheet HTML 5Page - NEC UPD7564 Datasheet HTML 6Page - NEC UPD7564 Datasheet HTML 7Page - NEC UPD7564 Datasheet HTML 8Page - NEC UPD7564 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 56 page
background image
5
µPD7564A, 7564A(A)
10. RECOMMENDED PACKAGING PATTERN OF SOP (REFERENCE) ..................................................... 49
11. RECOMMENDED SOLDERING CONDITIONS ....................................................................................... 50
APPENDIX A. COMPARISON BETWEEN SUB-SERIES PRODUCT FUNCTIONS..................................... 51
APPENDIX B. DEVELOPMENT TOOLS ........................................................................................................ 52
APPENDIX C. RELATED DOCUMENTS .......................................................................................................... 54
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com