Electronic Components Datasheet Search
  English  ▼

X  

UPD7564 Datasheet(PDF) 21 Page - NEC

Part # UPD7564
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD7564 Datasheet(HTML) 21 Page - NEC

Back Button UPD7564 Datasheet HTML 17Page - NEC UPD7564 Datasheet HTML 18Page - NEC UPD7564 Datasheet HTML 19Page - NEC UPD7564 Datasheet HTML 20Page - NEC UPD7564 Datasheet HTML 21Page - NEC UPD7564 Datasheet HTML 22Page - NEC UPD7564 Datasheet HTML 23Page - NEC UPD7564 Datasheet HTML 24Page - NEC UPD7564 Datasheet HTML 25Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 56 page
background image
21
µPD7564A, 7564A(A)
2.12 SERIAL INTERFACE
The serial interface consists of an 8-bit shift register, 3-bit shift mode register, and 3-bit counter. It is used for
input/output of serial data.
Fig. 2-13 Serial Interface Block Diagram
INT0
P00/INT0
P01/SCK
P02/SO
P03/SI
*IPL
*TSIOAM
TAMSIO*
LSB
8–BIT SHIFT REG
MSB
3–BIT CNT
φ
RS F/F
R
S
Q
INTS
SIO*
SM3
SHIFT MODE REG
OPL*
48
8
Internal Bus
*
Instruction execution
Remarks
1.
φ indicates the internal clock signal (system clock).
2.
SM3 and INT0 go to the test control circuit.
Input/output of serial data is controlled by the serial clock. The highest bit (bit 7) of the shift register is output
from the SO line at rise of the serial clock (SCK pin signal). At its fall, the contents of the shift register is shifted by
one bit (bit n
→ bit n+1) and data on the SI line is loaded to the lowest bit (bit 0) of the shift register.
The 3-bit counter (octal counter) counts serial clock pulses. Wthenever it counts eight clock pulses (on completion
of 1-byte serial data transfer), the counter generates an internal test request signal INTS to set the test request flag
(INT0/S RQF).
Fig. 2-14 Shift Timing
INTS RQF
Setting Timing
SCK
SI
SO
DI7
DO7
MSB
DO6
DO5
DO4
DO3
DO2
DO1
DO0
DI6
DI5
DI4
DI3
DI2
DI1
DI0
LSB
Remarks
1.
DI: Serial data input
2.
DO: Serial data output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com