Electronic Components Datasheet Search
  English  ▼

X  

UPD7564 Datasheet(PDF) 44 Page - NEC

Part # UPD7564
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD7564 Datasheet(HTML) 44 Page - NEC

Back Button UPD7564 Datasheet HTML 40Page - NEC UPD7564 Datasheet HTML 41Page - NEC UPD7564 Datasheet HTML 42Page - NEC UPD7564 Datasheet HTML 43Page - NEC UPD7564 Datasheet HTML 44Page - NEC UPD7564 Datasheet HTML 45Page - NEC UPD7564 Datasheet HTML 46Page - NEC UPD7564 Datasheet HTML 47Page - NEC UPD7564 Datasheet HTML 48Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 56 page
background image
44
µPD7564A, 7564A(A)
(2)
Remote control transmission
PD7564A
µ
P113
N-ch
Open-Drain
Output
CL1
CL2
P112
P111
P110
P82
P103
P102
P101
P100
P03
P02
P01
P00
On-Chip
Pull-Up
Resistor
Input
P80
RESET
(CMOS Output)
P81
Ceramic Resonator
304 kHz
Infrared Light
Emitting Diode
SE307-C
2SA952
2SA733
MAX. 40 Keys
On-Chip Pull-Down
Resistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com