Electronic Components Datasheet Search
  English  ▼

X  

UPD7564 Datasheet(PDF) 49 Page - NEC

Part # UPD7564
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD7564 Datasheet(HTML) 49 Page - NEC

Back Button UPD7564 Datasheet HTML 45Page - NEC UPD7564 Datasheet HTML 46Page - NEC UPD7564 Datasheet HTML 47Page - NEC UPD7564 Datasheet HTML 48Page - NEC UPD7564 Datasheet HTML 49Page - NEC UPD7564 Datasheet HTML 50Page - NEC UPD7564 Datasheet HTML 51Page - NEC UPD7564 Datasheet HTML 52Page - NEC UPD7564 Datasheet HTML 53Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 56 page
background image
49
µPD7564A, 7564A(A)
10. RECOMMENDED PACKAGING PATTERN OF SOP (REFERENCE) (UNIT: mm)
7.62
1.27
•
This recommended pattern conforms to the General Rules for Integrated Citrcuit Outer Shape (IC-74-2) specified
by the Electronic Industries Association of Japan (EIAJ).
•
The above pattern dimensions are applicable to all the products designated as EIAJ flat DIP (mini flat) of “Form
A 300 mil type”.
•
If there is any possibility of causing a solder bridge, adjust the width (0.76) of each pad while maintaining the
same length (1.27).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com