Electronic Components Datasheet Search
  English  ▼

X  

UPD7564 Datasheet(PDF) 6 Page - NEC

Part # UPD7564
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD7564 Datasheet(HTML) 6 Page - NEC

Back Button UPD7564 Datasheet HTML 2Page - NEC UPD7564 Datasheet HTML 3Page - NEC UPD7564 Datasheet HTML 4Page - NEC UPD7564 Datasheet HTML 5Page - NEC UPD7564 Datasheet HTML 6Page - NEC UPD7564 Datasheet HTML 7Page - NEC UPD7564 Datasheet HTML 8Page - NEC UPD7564 Datasheet HTML 9Page - NEC UPD7564 Datasheet HTML 10Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 56 page
background image
6
µPD7564A, 7564A(A)
1.
PIN FUNCTIONS
1.1
PORT FUNCTIONS
Pin Name
Input/Output
Dual-Function
Function
After RESET
Input/Output
Pin
Circuit
P00
Input
INT0
S
P01
Input/output
SCK
Input
X
P02
SO
W
P03
Input
SI
S
P80 to P82
Output
––
O
P100 to P103
Input/output
––
P
P110 to P113
Input/output
––
1.2
OTHER THAN PORTS
Pin Name
Input/Output
Dual-Function
Function
After RESET
Input/Output
Pin
Circuit
INT0
Input
P00
Edge detection testable input pin (Rising edge)
S
SCK
Input/output
P01
Serial clock Input/output pin
Input
X
SO
Output
P02
Serial data output pin
Input
W
SI
Input
P03
Serial data input pin
Input
S
CL1
––
CL2
RESET
R
VDD
Positive power supply pin
VSS
GND potential pin
4-bit input port (Port 0)
P00 serves also as a count clock (event pulse)
input.
3-bit output port (Port 8)
High current (15 mA), middle-high voltage (9 V)
output
4-bit I/O port (Port 10)
Middle-high current (10 mA), middle-high voltage
(9 V) input/output
4-bit I/O port (Port 11)
Middle-high current (10 mA), middle-high voltage
(9 V) input/output
High
impedance
High
impedance
or
high-level
output
Connection pin for ceramic oscillation ceramic
resonator
System reset input pin (high-level active)
A pull-down resistor can be incorporated using
the mask option.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com