Electronic Components Datasheet Search
  English  ▼

X  

UPD7564 Datasheet(PDF) 4 Page - NEC

Part # UPD7564
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD7564 Datasheet(HTML) 4 Page - NEC

  UPD7564 Datasheet HTML 1Page - NEC UPD7564 Datasheet HTML 2Page - NEC UPD7564 Datasheet HTML 3Page - NEC UPD7564 Datasheet HTML 4Page - NEC UPD7564 Datasheet HTML 5Page - NEC UPD7564 Datasheet HTML 6Page - NEC UPD7564 Datasheet HTML 7Page - NEC UPD7564 Datasheet HTML 8Page - NEC UPD7564 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 56 page
background image
4
µPD7564A, 7564A(A)
CONTENTS
1.
PIN FUNCTIONS ......................................................................................................................................... 6
1.1
PORT FUNCTIONS ............................................................................................................................................... 6
1.2
OTHER THAN PORTS .......................................................................................................................................... 6
1.3
PIN MASK OPTION .............................................................................................................................................. 7
1.4
CAUTION ON USE OF P00/INT0 PIN AND RESET PIN ................................................................................... 7
1.5
PIN INPUT/OUTPUT CIRCUITS .......................................................................................................................... 8
1.6
RECOMMENDED CONNECTION OF UNUSED
µPD7564A PINS .................................................................. 11
1.7
OPERATION OF INPUT/OUTPUT PORTS ....................................................................................................... 11
2.
INTERNAL BLOCK FUNCTIONS ............................................................................................................ 13
2.1
PROGRAM COUNTER (PC): 10 BITS ................................................................................................................ 13
2.2
STACK POINTER (SP): 6 BITS .......................................................................................................................... 14
2.3
PROGRAM MEMORY (ROM): 1024 WORDS
× 8 BITS ................................................................................... 15
2.4
GENERAL REGISTER ......................................................................................................................................... 15
2.5
DATA MEMORY (RAM): 64
× 4 BITS ............................................................................................................... 16
2.6
ACCUMULATOR (A): 4 BITS ............................................................................................................................. 17
2.7
ARITHMETIC LOGIC UNIT (ALU): 4 BITS ........................................................................................................ 17
2.8
PROGRAM STATUS WORD (PSW): 4 BITS .................................................................................................... 17
2.9
SYSTEM CLOCK GENERATOR ......................................................................................................................... 18
2.10 CLOCK CONTROL CIRCUIT ............................................................................................................................... 19
2.11 TIMER/EVENT COUNTER ................................................................................................................................. 20
2.12 SERIAL INTERFACE ........................................................................................................................................... 21
2.13 TEST CONTROL CIRCUIT .................................................................................................................................. 23
3.
STANDBY FUNCTIONS ........................................................................................................................... 25
3.1
STOP MODE ........................................................................................................................................................ 25
3.2
CANCELLING THE HALT MODE ....................................................................................................................... 25
3.3
CANCELLING STOP MODE BY RESET INPUT ................................................................................................ 26
3.4
CANCELLING HALT MODE BY TEST REQUEST FLAG ................................................................................. 26
3.5
CANCELLING HALT MODE BY RESET INPUT ................................................................................................ 26
4.
RESET FUNCTIONS ................................................................................................................................. 27
4.1
DETAILS OF INITIALIZATION ........................................................................................................................... 27
5.
µPD7564A INSTRUCTION SET............................................................................................................... 28
6.
ELECTRICAL SPECIFICATIONS .............................................................................................................. 33
7.
CHARACTERISTICS CURVES .................................................................................................................. 40
8.
µPD7564A APPLIED CIRCUITS ............................................................................................................... 43
9.
PACKAGE INFORMATION ....................................................................................................................... 45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com