Electronic Components Datasheet Search
  English  ▼

X  

AS260 Datasheet(PDF) 6 Page - ON Semiconductor

Part # AS260
Description  High-Definition (HD) Digital Image Sensor
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AS260 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button AS260 Datasheet HTML 2Page - ON Semiconductor AS260 Datasheet HTML 3Page - ON Semiconductor AS260 Datasheet HTML 4Page - ON Semiconductor AS260 Datasheet HTML 5Page - ON Semiconductor AS260 Datasheet HTML 6Page - ON Semiconductor AS260 Datasheet HTML 7Page - ON Semiconductor AS260 Datasheet HTML 8Page - ON Semiconductor AS260 Datasheet HTML 9Page - ON Semiconductor AS260 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 45 page
background image
AR0260 DS Rev. G Pub. 4/15 EN
6
©Semiconductor Components Industries, LLC,2015.
AR0260: 1/6-Inch 1080P High-Definition (HD) Digital Image Sensor
Functional Description
Functional Description
The ON Semiconductor AR0260 can be operated in its default mode or programmed for
frame size, exposure, gain, and other parameters. The default mode output is a 1080p-
resolution image at 30 frames per second (fps). It outputs 8-bit or 10-bit raw data, using
either the parallel or serial (MIPI) output ports.
FRAME_VALID and LINE_VALID signals are output on dedicated pins, along with a
synchronized pixel clock in parallel mode.
The AR0260 includes additional features to allow application-specific tuning:
windowing and offset, auto black level correction, mirroring, and sub-sampling.
Optional register information can be embedded in the first and last 2 lines of the image
frame.
The sensor is designed to operate in a wide temperature range (–30°C to +70°C).
Architecture Overview
The AR0260 is a 1/6-inch 2.0Mp progressive-scan sensor that generates a stream of pixel
data at a constant frame rate. It uses an on-chip, phase-locked loop (PLL) that can be
optionally enabled to generate all internal clocks from a single master input clock
running between 6 and 54 MHz. The maximum output pixel rate is 96 MHz. Figure 1
shows a block diagram of the sensor.
Figure 1:
AR0260 Block Diagram
User interaction with the sensor is through the two-wire serial bus, which communi-
cates with the array control, analog signal chain, and digital signal chain. The core of the
sensor is a 2.0 Mp Active- Pixel Sensor array. The timing and control circuitry sequences
through the rows of the array, resetting and then reading each row in turn. In the time
interval between resetting a row and reading that row, the pixels in the row integrate
incident light. The exposure is controlled by varying the time interval between reset and
readout. Once a row has been read, the data from the columns is sequenced through an
Sensor Core
Control Registers
System Control
10-Bit
Data Out
Parallel or MIPI
G1/G2
R/B
G1/G2
R/B
Green1/Green2
Channel
Red/Blue
Channel
1080p
Active-Pixel
Sensor (APS)
Array
Analog
Processing
ADC
Digital
Processing
Timing
and
Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com