Electronic Components Datasheet Search
  English  ▼

X  

AS260 Datasheet(PDF) 16 Page - ON Semiconductor

Part # AS260
Description  High-Definition (HD) Digital Image Sensor
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AS260 Datasheet(HTML) 16 Page - ON Semiconductor

Back Button AS260 Datasheet HTML 12Page - ON Semiconductor AS260 Datasheet HTML 13Page - ON Semiconductor AS260 Datasheet HTML 14Page - ON Semiconductor AS260 Datasheet HTML 15Page - ON Semiconductor AS260 Datasheet HTML 16Page - ON Semiconductor AS260 Datasheet HTML 17Page - ON Semiconductor AS260 Datasheet HTML 18Page - ON Semiconductor AS260 Datasheet HTML 19Page - ON Semiconductor AS260 Datasheet HTML 20Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 45 page
background image
AR0260 DS Rev. G Pub. 4/15 EN
16
©Semiconductor Components Industries, LLC,2015.
AR0260: 1/6-Inch 1080P High-Definition (HD) Digital Image Sensor
Pixel Data Format
Pixel Pattern Detail
The output from the sensor core is a Bayer pattern, as shown in Figure 9; alternate rows
are a sequence of either green and red pixels or blue and green pixels. The analog signal
chain provides per-color control of the pixel data.
Figure 9:
Pixel Color Pattern Detail (Top Right Corner)
The AR0260 sensor core pixel array is shown with pixel (0,0) in the top right corner,
which reflects the actual layout of the array on the die. Figure 10 on page 16 shows the
image shown in the sensor during normal operation.
When the image is read out of the sensor, it is read one row at a time, with the rows and
columns sequenced.
Figure 10:
Imaging a Scene
B
Gr
B
Gr
B
G2
R
Gb
R
Gb
B
Gr
B
Gr
B
G2
R
Gb
R
Gb
B
Gr
B
Gr
B
G2
R
G2
R
G2
Black Pixels
Column Readout Direction
...
...
Row
Readout
Direction
First Clear
Pixel
Lens
Pixel (0,0)
Row
Readout
Order
Column Readout Order
Scene
Sensor (rear view)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com