Electronic Components Datasheet Search
  English  ▼

X  

AS260 Datasheet(PDF) 19 Page - ON Semiconductor

Part # AS260
Description  High-Definition (HD) Digital Image Sensor
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AS260 Datasheet(HTML) 19 Page - ON Semiconductor

Back Button AS260 Datasheet HTML 15Page - ON Semiconductor AS260 Datasheet HTML 16Page - ON Semiconductor AS260 Datasheet HTML 17Page - ON Semiconductor AS260 Datasheet HTML 18Page - ON Semiconductor AS260 Datasheet HTML 19Page - ON Semiconductor AS260 Datasheet HTML 20Page - ON Semiconductor AS260 Datasheet HTML 21Page - ON Semiconductor AS260 Datasheet HTML 22Page - ON Semiconductor AS260 Datasheet HTML 23Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 45 page
background image
AR0260 DS Rev. G Pub. 4/15 EN
19
©Semiconductor Components Industries, LLC,2015.
AR0260: 1/6-Inch 1080P High-Definition (HD) Digital Image Sensor
Image Data Output Interface
4. If the sensor is reset, any frame in progress is aborted immediately and the MIPI sig-
nals switch to indicate the ULPS.
5. If the sensor is taken out of the streaming system state and reset_register[4] = 1
(standby end-of-frame), any frame in progress is completed and the MIPI signals
switch to indicate the ULPS.
If the sensor is taken out of the streaming system state and reset_register[4] = 0 (standby
end-of-frame), any frame in progress is aborted as follows:
1. Any long packet in transmission is completed.
2. The end of frame short packet is transmitted.
After the frame has been aborted, the MIPI signals switch to indicate the ULPS.
Uncompressed Bayer Bypass Output
Raw or processed 10-bit Bayer data from the sensor core can be output in bypass mode
by:
1. Using both DOUT[7:0] and DOUT_LSB[1:0].
2. Using only DOUT[7:0] with a special 8 + 2 data format, shown in Table 10.
Readout Order
The sensor core supports different readout options to modify the image before it is sent
to the host system. The readout can be limited to a specific window size of the original
pixel array.
By changing the readout directions, the image can be flipped in the vertical direction
and/or mirrored in the horizontal direction.
The image output size is set by programming row and column start and end address
variables.
When the sensor is configured to mirror the image horizontally, the order of pixel
readout within a row is reversed, so that readout starts from the last column address and
ends at the first column address. Figure 14 shows a sequence of 3 pixels being read out
with normal readout and reverse readout (Bayer8 + 2 mode shown).
Table 10:
2-Byte Bayer Format
2-Byte Bayer
Format
Bits Used
Bit Sequence
Odd bytes
8 data bits
D9D8D7D6D5D4D3D2
Even bytes
2 data bits + 6 unused bits
0 0 0 0 0 0 D1D0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com