Electronic Components Datasheet Search
  English  ▼

X  

AS260 Datasheet(PDF) 17 Page - ON Semiconductor

Part # AS260
Description  High-Definition (HD) Digital Image Sensor
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AS260 Datasheet(HTML) 17 Page - ON Semiconductor

Back Button AS260 Datasheet HTML 13Page - ON Semiconductor AS260 Datasheet HTML 14Page - ON Semiconductor AS260 Datasheet HTML 15Page - ON Semiconductor AS260 Datasheet HTML 16Page - ON Semiconductor AS260 Datasheet HTML 17Page - ON Semiconductor AS260 Datasheet HTML 18Page - ON Semiconductor AS260 Datasheet HTML 19Page - ON Semiconductor AS260 Datasheet HTML 20Page - ON Semiconductor AS260 Datasheet HTML 21Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 45 page
background image
AR0260 DS Rev. G Pub. 4/15 EN
17
©Semiconductor Components Industries, LLC,2015.
AR0260: 1/6-Inch 1080P High-Definition (HD) Digital Image Sensor
Output Data Format
Output Data Format
The AR0260 image data is read out in a progressive scan. Valid image data is surrounded
by horizontal blanking and vertical blanking, as shown in Figure 11.
LINE_VALID is HIGH in the shaded region of the figure.
Figure 11:
Spatial Illustration of Image Readout
Image Data Output Interface
The user can select either the 8-bit parallel or serial MIPI output to transmit the sensor
image data to the host system. Only one of the output modes can be used at any time.
The AR0260 has an output FIFO to retain a constant pixel output clock.
Parallel Port
The AR0260 image data is read out in a progressive scan mode. Valid image data is
surrounded by horizontal blanking and vertical blanking. The amount of horizontal
blanking and vertical blanking are programmable.
AR0260 output data is synchronized with the PIXCLK output. When LV is HIGH, one
pixel value is output on the 8-bit DOUT port every TWO PIXCLK periods as shown in
Figure 12. PIXCLK is continuously running, even during the blanking period. PIXCLK
phase can be varied by 50 percent, controlled using a register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com