Electronic Components Datasheet Search
  English  ▼

X  

AS260 Datasheet(PDF) 1 Page - ON Semiconductor

Part # AS260
Description  High-Definition (HD) Digital Image Sensor
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AS260 Datasheet(HTML) 1 Page - ON Semiconductor

  AS260 Datasheet HTML 1Page - ON Semiconductor AS260 Datasheet HTML 2Page - ON Semiconductor AS260 Datasheet HTML 3Page - ON Semiconductor AS260 Datasheet HTML 4Page - ON Semiconductor AS260 Datasheet HTML 5Page - ON Semiconductor AS260 Datasheet HTML 6Page - ON Semiconductor AS260 Datasheet HTML 7Page - ON Semiconductor AS260 Datasheet HTML 8Page - ON Semiconductor AS260 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 45 page
background image
AR0260: 1/6-Inch 1080P High-Definition (HD) Digital Image Sensor
Features
AR0260 DS Rev. G Pub. 4/15 EN
1
©Semiconductor Components Industries, LLC,2015
1/6-Inch 1080P High-Definition (HD) Digital
Image Sensor
AR0260 Datasheet, Rev. G
For the latest datasheet, please visit www.onsemi.com
Features
• Superior low-light performance
• Ultra-low-power
• 1080p Full HD video at 30 fps
• 1.4m pixel with ON Semiconductor A-Pix™
technology
• Internal master clock generated by on-chip phase
locked loop (PLL) oscillator
• Electronic rolling shutter (ERS), progressive scan
• Programmable controls: gain, horizontal and vertical
blanking, auto black level offset correction, frame
size/rate, exposure, left–right and top–bottom image
reversal, window size, and panning.
• Arbitrary image scaling with anti-aliasing
• Two-wire serial interface providing access to
registers and microcontroller memory
• Selectable output data format: RAW8 and RAW8+2-
bit
• Parallel and 1- or 2-lane MIPI data output
• Adaptive polynomial lens shading correction
Applications
• Embedded tablet, notebook, and tethered PC
cameras
• Game consoles
• Cell phones, mobile devices
• Consumer video communications
General Description
ON Semiconductor 's AR0260 is a 1/6-inch 2.0Mp Full
HD CMOS digital image sensor with an active-pixel
array of 1920H x 1080V. It incorporates sophisticated
on-chip camera functions such as windowing, mirror-
ing, column and row skip modes, and snapshot mode.
It is programmable through a simple two-wire serial
interface. It is designed for low light performance.The
AR0260 produces extraordinarily clear, sharp digital
pictures, making it the perfect choice for a wide range
of applications, including PC and notebook cameras,
gaming systems, and mobile phones.
Notes: 1. Power consumption for typical voltages and full resolu-
tion, maximum frame rate output, excluding I/O.
Table 1:
Key Parameters
Parameter
Typical Value
Optical format
1/6-inch
Active pixels
1920 x 1080
Pixel size
1.4 m
Color filter array
RGB Bayer
Shutter type
Electronic rolling shutter
(ERS)
Input clock range
6 – 54 MHz
Output pixel clock maximum
96 MHz
Output MIPI data rate
maximum
768 Mb/s per lane
Frame Rate
1080p (full
res)
30 fps
720p
60 fps
VGA
60 fps
QVGA
120 fps
Responsivity
0.64 V/lux-sec
SNRMAX
33 dB
Pixel dynamic range
65 dB
Supply voltage
Digital
1.7 – 1.95 V
Analog
2.5 – 3.1 V
I/O
1.7 – 1.95 V or 2.5 – 3.1 V
PHY
1.7 – 1.95 V
Power consumption1
270 mW
Operating temperature
–30°C to +70° C
Chief ray angle
28°
Package options
CSP, Bare die


Similar Part No. - AS260

ManufacturerPart #DatasheetDescription
logo
Power-One
AS2660-7R POWER-ONE-AS2660-7R Datasheet
147Kb / 4P
100 Watt DC-DC Converters
More results

Similar Description - AS260

ManufacturerPart #DatasheetDescription
logo
OmniVision Technologies...
OV09710-V28A OMNIVISION-OV09710-V28A Datasheet
162Kb / 2P
high definition (HD) video CameraChip image sensor
OV9710 OMNIVISION-OV9710 Datasheet
162Kb / 2P
high definition (HD) video CameraChip image sensor
logo
ON Semiconductor
AR023Z ONSEMI-AR023Z Datasheet
948Kb / 35P
Mp/Full HD Digital Image Sensor
Rev. 0, Pub. 9/15 EN
AR0230 ONSEMI-AR0230 Datasheet
959Kb / 36P
Full HD Digital Image Sensor
Rev. 8, Pub. 11/15 EN
AR0331 ONSEMI-AR0331 Datasheet
2Mb / 72P
Full HD Digital Image Sensor
Rev. L Pub. 5/15 EN
KAF-4320 ONSEMI-KAF-4320 Datasheet
791Kb / 25P
Full HD Digital Image Sensor
April, 2015 ??Rev. 2
MT9M114 ONSEMI-MT9M114_16 Datasheet
2Mb / 62P
High-Definition (HD) System-On- A-Chip (SOC) Digital Image Sensor
Rev. 11, 2/16 EN
AR0238 ONSEMI-AR0238 Datasheet
288Kb / 26P
2.1 Mp/Full HD Digital Image Sensor
October, 2017 ??Rev. 5
MT9M114 ONSEMI-MT9M114_1 Datasheet
1Mb / 45P
High?륞efinition (HD) System?륮n?륾?륝hip (SOC) Digital Image Sensor
December, 2016 ??Rev. 12
logo
Leopard Imaging Inc.
LI-CAM-OV10640-MIPI LEOPARD-LI-CAM-OV10640-MIPI Datasheet
280Kb / 1P
CMOS HD image sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com