Electronic Components Datasheet Search
  English  ▼

X  

AS260 Datasheet(PDF) 42 Page - ON Semiconductor

Part # AS260
Description  High-Definition (HD) Digital Image Sensor
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AS260 Datasheet(HTML) 42 Page - ON Semiconductor

Back Button AS260 Datasheet HTML 37Page - ON Semiconductor AS260 Datasheet HTML 38Page - ON Semiconductor AS260 Datasheet HTML 39Page - ON Semiconductor AS260 Datasheet HTML 40Page - ON Semiconductor AS260 Datasheet HTML 41Page - ON Semiconductor AS260 Datasheet HTML 42Page - ON Semiconductor AS260 Datasheet HTML 43Page - ON Semiconductor AS260 Datasheet HTML 44Page - ON Semiconductor AS260 Datasheet HTML 45Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 42 / 45 page
background image
AR0260 DS Rev. G Pub. 4/15 EN
42
©Semiconductor Components Industries, LLC,2015.
AR0260: 1/6-Inch 1080P High-Definition (HD) Digital Image Sensor
Electrical Specifications
Figure 31:
Parallel Pixel Bus Timing Diagram
Notes:
1. FRAME_VALID leads LINE_VALID by 6 PIXCLKs.
2. FRAME_VALID trails LINE_VALID by 6 PIXCLKs.
3. DOUT[7:0], FRAME_VALID, and LINE_VALID are shown with respect to the rising edge of PIXCLK. This
feature is programmable and DOUT[7:0], FRAME_VALID, and LINE_VALID can be synchronized to the
falling edge of PIXCLK.
Table 26:
Two-Wire Serial Interface Timing Data
fEXTCLK = 24 MHz; REG_IN0 = 1.8V; VDD_IO = 1.8V; VAA = 2.8V; VAA_PIX = 2.8V; T
J = 70°C; CLOAD = 68.5pF
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fSCLK
Serial interface input clock
frequency
100
–
400
kHz
tSCLK
Serial interface input clock period
2.5
–
10
s
SCLK duty cycle
45
50
55
%
tr
SCLK/SDATA rise time
–
65
300
ns
tSRTS
Start setup time
Master write to slave
600
–
–
tSRTH
Start hold time
Master write to slave
300
–
–
ns
tSDH
SDATA hold
Master write to slave
300
–
–
ns
tSDS
SDATA setup
Master write to slave
300
–
–
ns
tSHAW
SDATA hold to ack
Master read from slave
150
–
–
ns
tAHSW
Ack hold to SDATA
Master read from slave
150
–
–
ns
tSTPS
Stop setup time
Master write to slave
300
–
–
ns
tSTPH
Stop hold time
Master write to slave
600
–
–
ns
tSHAR
SDATA hold to ack
Master write to slave
300
–
–
ns
tAHSR
Ack hold to SDATA
Master write to slave
300
–
–
ns
tSDHR
SDATA hold
Master read from slave
300
–
–
ns
tSDSR
SDATA setup
Master read from slave
350
–
–
ns
PIXCLK
FRAME_VALID,
LINE_VALID
tPFL
tPLL
tPFH
tPLH
tPD
3
1
2
DOUT[7:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com