Electronic Components Datasheet Search
  English  ▼

X  

AS260 Datasheet(PDF) 40 Page - ON Semiconductor

Part # AS260
Description  High-Definition (HD) Digital Image Sensor
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AS260 Datasheet(HTML) 40 Page - ON Semiconductor

Back Button AS260 Datasheet HTML 36Page - ON Semiconductor AS260 Datasheet HTML 37Page - ON Semiconductor AS260 Datasheet HTML 38Page - ON Semiconductor AS260 Datasheet HTML 39Page - ON Semiconductor AS260 Datasheet HTML 40Page - ON Semiconductor AS260 Datasheet HTML 41Page - ON Semiconductor AS260 Datasheet HTML 42Page - ON Semiconductor AS260 Datasheet HTML 43Page - ON Semiconductor AS260 Datasheet HTML 44Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 45 page
background image
AR0260 DS Rev. G Pub. 4/15 EN
40
©Semiconductor Components Industries, LLC,2015.
AR0260: 1/6-Inch 1080P High-Definition (HD) Digital Image Sensor
Electrical Specifications
Table 24:
Non-Operating Current Consumption
Default Setup Conditions: fEXTCLK= 24 Mhz, fPIXCLK = 96 Mhz, VAA = VAA_PIX = VDD_IO = 2.8V,
VDD_PHY = REG_IN0 = 1.8V, Tj = 25°C, unless otherwise stated
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IAA
Analog supply current
Hard Reset (with EXTCLK)
–
12
16
A
Hard Reset (without EXTCLK)
–
12
16
A
Shutdown(with EXTCLK)
–
1.0
1.5
A
Shutdown(without EXTCLK)
–
1.0
1.5
A
IAA_PIX
Pixel supply current
Hard Reset (with EXTCLK)
–
0
0
A
Hard Reset (without EXTCLK)
–
0
0
A
Shutdown(with EXTCLK)
–
0
0
A
Shutdown(without EXTCLK)
–
0
0
A
IREG_IN0 and
IDD_PHY
Digital and PHY supply
currents
Hard Reset (with EXTCLK)
–
2.8
3.6
mA
Hard Reset (without EXTCLK)
–
2.3
3.0
mA
Shutdown(with EXTCLK)
–
5.0
6.6
A
Shutdown(without EXTCLK)
–
5.0
6.6
A
IDD_IO
I/O supply current
Hard Reset (with EXTCLK)
–
0.2
0.3
mA
Hard Reset (without EXTCLK)
–
0.2
0.2
mA
Shutdown(with EXTCLK)
–
1.3
1.8
A
Shutdown(without EXTCLK)
–
1.3
1.8
A
Total power consumption
Hard Reset (with EXTCLK)
–
5.5
7.2
mW
Hard Reset (without EXTCLK)
–
4.6
6.0
mW
Shutdown(with EXTCLK)
–
13
18
W
Shutdown(without EXTCLK)
–
13
18
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com