Electronic Components Datasheet Search
  English  ▼

X  

AS260 Datasheet(PDF) 29 Page - ON Semiconductor

Part # AS260
Description  High-Definition (HD) Digital Image Sensor
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AS260 Datasheet(HTML) 29 Page - ON Semiconductor

Back Button AS260 Datasheet HTML 25Page - ON Semiconductor AS260 Datasheet HTML 26Page - ON Semiconductor AS260 Datasheet HTML 27Page - ON Semiconductor AS260 Datasheet HTML 28Page - ON Semiconductor AS260 Datasheet HTML 29Page - ON Semiconductor AS260 Datasheet HTML 30Page - ON Semiconductor AS260 Datasheet HTML 31Page - ON Semiconductor AS260 Datasheet HTML 32Page - ON Semiconductor AS260 Datasheet HTML 33Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 45 page
background image
AR0260 DS Rev. G Pub. 4/15 EN
29
©Semiconductor Components Industries, LLC,2015.
AR0260: 1/6-Inch 1080P High-Definition (HD) Digital Image Sensor
Camera Control and Auto Functions
Camera Control and Auto Functions
General Purpose I/Os
The three general purpose I/Os (GPIOs) of the AR0260 can be configured in multiple
ways. Each of the I/Os can be used for multiple purposes and can be programmed from
the host. The GPIOs are powered by their own power supply.
Hardware Functions
Two-Wire Serial Interface
The two-wire serial interface bus enables read and write access to control and status
registers and variables within the AR0260.
The interface protocol uses a master/slave model in which a master controls one or
more slave devices. The AR0260 always operates in slave mode. The host (master) gener-
ates a clock (SCLK) that is an input to the AR0260 and is used to synchronize transfers.
Data is transferred between the master and the slave on a bidirectional signal (SDATA).
Protocol
Data transfers on the two-wire serial interface bus are performed by a sequence of low-
level protocol elements, as follows:
1. a (repeated) start condition
2. a slave address/data direction byte
3. a 16-bit register address (8-bit addresses are not supported)
4. an (a no) acknowledge bit
5. a 16-bit data transfer (8-bit data transfers are not supported)
6. a stop condition
The bus is idle when both SCLK and SDATA are HIGH. Control of the bus is initiated with a
start condition, and the bus is released with a stop condition. Only the master can
generate the start and stop conditions.
A start condition is defined as a HIGH-to-LOW transition on SDATA while SCLK is HIGH.
At the end of a transfer, the master can generate a start condition without previously
generating a stop condition; this is known as a repeated start or restart condition.
A stop condition is defined as a LOW-to-HIGH transition on SDATA while SCLK is HIGH.
Data is transferred serially, 8 bits at a time, with the most significant bit (MSB) trans-
mitted first. Each byte of data is followed by an acknowledge bit or a no-acknowledge bit.
This data transfer mechanism is used for the slave address/data direction byte and for
message bytes. One data bit is transferred during each SCLK clock period. SDATA can
change when SCLK is LOW and must be stable while SCLK is HIGH.
Slave Address
Bits [7:1] of this byte represent the device slave address and bit [0] indicates the data
transfer direction. A “0” in bit [0] indicates a WRITE, and a “1” indicates a READ. If the
SADDR signal is driven LOW, then addresses used by the AR0260 are R0x090 (write
address) and R0x091 (read address). If the SADDR signal is driven HIGH, then addresses
used by the AR0260 are R0x0BA (write address) and R0x0BB (read address).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com