Electronic Components Datasheet Search
  English  ▼

X  

AS260 Datasheet(PDF) 44 Page - ON Semiconductor

Part # AS260
Description  High-Definition (HD) Digital Image Sensor
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AS260 Datasheet(HTML) 44 Page - ON Semiconductor

Back Button AS260 Datasheet HTML 37Page - ON Semiconductor AS260 Datasheet HTML 38Page - ON Semiconductor AS260 Datasheet HTML 39Page - ON Semiconductor AS260 Datasheet HTML 40Page - ON Semiconductor AS260 Datasheet HTML 41Page - ON Semiconductor AS260 Datasheet HTML 42Page - ON Semiconductor AS260 Datasheet HTML 43Page - ON Semiconductor AS260 Datasheet HTML 44Page - ON Semiconductor AS260 Datasheet HTML 45Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 44 / 45 page
background image
AR0260 DS Rev. G Pub. 4/15 EN
44
©Semiconductor Components Industries, LLC,2015.
AR0260: 1/6-Inch 1080P High-Definition (HD) Digital Image Sensor
MIPI Specification Reference
MIPI AC and DC Electrical Characteristics
MIPI Specification Reference
The AR0260 design and this documentation is based on the following reference docu-
ments:
• MIPI Alliance Standard for CSI-2 version 1.0
• MIPI Alliance Standard for D-PHY version 1.0
Table 27:
MIPI High-Speed Transmitter DC Characteristics
Symbol
Parameter
Min
Typ
Max
Unit
VOD
HS transmit differential voltage
140
270
mV
VCMTX
HS transmit static common mode voltage
150
250
mV
VOD
VOD mismatch when output is Differential-1 or Differential-0
13
mV
VCMTX(1,0)
VCMTX mismatch when output is Differential-1 or Differential-0
5
mV
VOHHSHS output HIGH voltage
360
mV
ZOS
Single-ended output impedance
40
62.5
ZOS
Single-ended output impedance mismatch
17
%
Table 28:
MIPI High-Speed Transmitter AC Characteristics
Symbol
Parameter
Min
Typ
Max
Unit
Data bit rate
768
Mb/s
trise
20–80% rise time
150
500
ps
tfall
20–80% fall time
150
500
ps
Table 29:
MIPI Low-Power Transmitter DC Characteristics
Symbol
Parameter
Min
Typ
Max
Unit
VOL
Thevenin output low level
55
mV
VOH
Thevenin output high level
1.1
1.15
1.3
V
ZOLP
Output impedance of LP transmitter
110
Table 30:
MIPI Low-Power Transmitter AC Characteristics
Symbol
Parameter
Min
Typ
Max
Unit
trise
15–85% rise time
25
ns
tfall
15–85% fall time
25
ns
Slew
Slew rate (CLOAD 5–20pf)
200
mV/ns
Slew
Slew rate (CLOAD 20–70pf)
150
mV/ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com