Electronic Components Datasheet Search
  English  ▼

X  

AS260 Datasheet(PDF) 9 Page - ON Semiconductor

Part # AS260
Description  High-Definition (HD) Digital Image Sensor
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AS260 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button AS260 Datasheet HTML 5Page - ON Semiconductor AS260 Datasheet HTML 6Page - ON Semiconductor AS260 Datasheet HTML 7Page - ON Semiconductor AS260 Datasheet HTML 8Page - ON Semiconductor AS260 Datasheet HTML 9Page - ON Semiconductor AS260 Datasheet HTML 10Page - ON Semiconductor AS260 Datasheet HTML 11Page - ON Semiconductor AS260 Datasheet HTML 12Page - ON Semiconductor AS260 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 45 page
background image
AR0260 DS Rev. G Pub. 4/15 EN
9
©Semiconductor Components Industries, LLC,2015.
AR0260: 1/6-Inch 1080P High-Definition (HD) Digital Image Sensor
Functional Description
Notes:
1. AGND and DGND are not connected internally.
2. To be left floating if not using feature.
3. Must always be connected even when not using MIPI.
4. The VDD and REG_FB pins must be connected together and have a 0.1F decoupling capacitor
attached.
5. GPIO1 pin functions as CONFIG during power-on cycle. GPIO1 pin must be driven low during
power-on cycle. GPIO1 pin should be either connected to DGND or needs pull-down resistor.
Table 3:
Pin Descriptions
Name
Type
Description
Note
EXTCLK
Input
Input clock signal.
RESET_BAR
Input/PU
Master reset signal, active LOW. This signal has an internal pull up.
SCLK
Input
Two-wire serial interface clock.
SDATA
I/O
Two-wire serial interface data.
SADDR
Input
Selects device address for the two-wire serial interface.
FRAME_VALID (FV)
Output
Identifies rows in the active image.
LINE_VALID (LV)
Output
Identifies pixels in the active line.
PIXCLK
Output
Pixel clock.
DOUT[7:0]
Output
DOUT[7:0] for 8-bit image data output or DOUT[9:2] for 10-bit image data
output.
CLK_N
Output
Differential MIPI clock (sub-LVDS, negative).
2
CLK_P
Output
Differential MIPI clock (sub-LVDS, positive).
2
DATA_N
Output
Differential MIPI data (sub-LVDS, negative).
2
DATA_P
Output
Differential MIPI data (sub-LVDS, positive).
2
DATA_2N
Output
Differential MIPI data (sub-LVDS, negative).
2
DATA_2P
Output
Differential MIPI data (sub-LVDS, positive).
2
GPIO0
Input/Output
General purpose input/output.
GPIO1
Input/Output
General purpose input/output.
5
GPIO2
Input/Output
General purpose input/output.
SHUTDOWN
Input
Low power shutdown control, active HIGH.
TRST_BAR
Input
Must be tied to DGND in normal operation.
VDD
Supply
Digital power. Must connect to REG_FB.
4
DGND
Supply
Digital ground.
1
VDD_IO
Supply
I/O power supply.
VAA
Supply
Analog power.
VAA_PIX
Supply
Analog pixel power.
AGND
Supply
Analog ground.
1
VPP
Supply
Reserved. To be left floating in normal operation.
REG_IN0
Supply
Digital power. Must connect to VDD_PHY.
REG_OUT
Supply
Digital power output.
REG_FB
Supply
Digital power. Must connect to VDD.4
VDD_PHY
Supply
I/O power supply for the MIPI interface. Must connect to REG_IN0
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com