Electronic Components Datasheet Search
  English  ▼

X  

AS260 Datasheet(PDF) 24 Page - ON Semiconductor

Part # AS260
Description  High-Definition (HD) Digital Image Sensor
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AS260 Datasheet(HTML) 24 Page - ON Semiconductor

Back Button AS260 Datasheet HTML 20Page - ON Semiconductor AS260 Datasheet HTML 21Page - ON Semiconductor AS260 Datasheet HTML 22Page - ON Semiconductor AS260 Datasheet HTML 23Page - ON Semiconductor AS260 Datasheet HTML 24Page - ON Semiconductor AS260 Datasheet HTML 25Page - ON Semiconductor AS260 Datasheet HTML 26Page - ON Semiconductor AS260 Datasheet HTML 27Page - ON Semiconductor AS260 Datasheet HTML 28Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 45 page
background image
AR0260 DS Rev. G Pub. 4/15 EN
24
©Semiconductor Components Industries, LLC,2015.
AR0260: 1/6-Inch 1080P High-Definition (HD) Digital Image Sensor
Analog Gain
Frame Rate Control
The formulas for calculating the frame rate of the AR0260 are shown below.
The line length is programmed directly in pixel clock periods through register
line_length_pck. For a specific window size, the minimum line length can be found in
Equation 1:
(EQ 1)
Note that line_length_pck also needs to meet the minimum line length requirement set
by min_line_length_pck. The row time can either be limited by the time it takes to
sample and reset the pixel array for each row, or by the time it takes to sample and read
out a row. Values for min_line_blanking_pck are provided in “Minimum Row Time” on
page 24.
The frame length is programmed directly in number of lines in the register
frame_length_lines. For a specific window size, the minimum frame length can be found
in Equation 2:
(EQ 2)
The frame rate can be calculated from these variables and the pixel clock speed as
shown in Equation 3:
(EQ 3)
If coarse_integration_time is set larger than frame_length_lines the frame size will be
expanded to coarse_integration_time + 1.
Minimum Row Time
The minimum row time and blanking values with default register settings are shown in
Table 12.
In addition, enough time must be given to the output FIFO so it can output all data at the
set frequency within one row time.
There are therefore two checks that must all be met when programming
line_length_pck:
• line_length_pck > min_line_length_pck in Table 12.
• line_length_pck > (x_addr_end - x_addr_start + x_odd_inc)/((1+x_odd_inc)/2) +
min_line_blanking_pck in Table 12.
Table 12:
Minimum Row Time and Blanking Numbers
No Row Binning
Row Binning
min_line_blanking_pck
0x0492
0x07C4
min_line_length_pck
0x05D8
0x09C8
minimum line_length_pck
x_addr_end - x_addr_start
1
+
subsampling factor
----------------------------------------------------------------------------
min_line_blanking_pck
+


=
minimum frame_length_lines
y_addr_end - y_addr_start
1
+
subsampling factor
----------------------------------------------------------------------------
min_frame_blanking_lines
+


=
frame rate
2
cam_sensor_cfg_pixclk
line_length_pck x frame_length_lines
-------------------------------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com