Electronic Components Datasheet Search
  English  ▼

X  

AS260 Datasheet(PDF) 36 Page - ON Semiconductor

Part # AS260
Description  High-Definition (HD) Digital Image Sensor
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AS260 Datasheet(HTML) 36 Page - ON Semiconductor

Back Button AS260 Datasheet HTML 32Page - ON Semiconductor AS260 Datasheet HTML 33Page - ON Semiconductor AS260 Datasheet HTML 34Page - ON Semiconductor AS260 Datasheet HTML 35Page - ON Semiconductor AS260 Datasheet HTML 36Page - ON Semiconductor AS260 Datasheet HTML 37Page - ON Semiconductor AS260 Datasheet HTML 38Page - ON Semiconductor AS260 Datasheet HTML 39Page - ON Semiconductor AS260 Datasheet HTML 40Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 45 page
background image
AR0260 DS Rev. G Pub. 4/15 EN
36
©Semiconductor Components Industries, LLC,2015.
AR0260: 1/6-Inch 1080P High-Definition (HD) Digital Image Sensor
CSP Package Details
CSP Package Details
AR0260 sensor is also available in chip scale package (CSP) and this section provides the
relevant CSP package details necessary for the optical design of camera system.
Table 17:
Package Dimension
Parameter
Symbol
Millimeters
Inches
Nominal
Min
Max
Nominal
Min
Max
Package Body Dimension X
A
6.005
5.97955
6.02955
0.23640
0.23542
0.23738
Package Body Dimension Y
B
4.158
4.13255
4.18255
0.16368
0.16270
0.16467
Package Height
C
0.710
0.655
0.765
0.02795
0.02579
0.03012
Cavity wall height
C4
0.0410
0.0370
0.0450
0.00161
0.00146
0.00177
Cavity wall + epoxy
thickness glass to the
wafer bonding top point)
C5
0.0435
0.0385
0.0485
0.00171
0.00152
0.00191
Glass Thickness
C3
0.400
0.390
0.410
0.01575
0.01535
0.01614
Package Body Thickness
C2
0.570
0.535
0.605
0.02244
0.02106
0.02382
Ball Height
C1
0.140
0.110
0.170
0.00551
0.00433
0.00669
Ball Diameter
D
0.280
0.250
0.310
0.01102
0.00984
0.01220
Total Ball Count
54
Ball Count X axis
N1
9
Ball Count Y axis
N2
6
UBM
U
0.310
0.300
0.320
0.0122
0.01181
0.01260
Pins Pitch X axis
J1
0.620
0.610
0.630
0.02441
0.02402
0.02480
Pins Pitch Y axis
J2
0.620
0.610
0.630
0.02441
0.02402
0.02480
BGA ball center to package
center offset in X-direction
X
0
-0.025
0.025
0
-0.00098
0.00098
BGA ball center to package
center offset in Y-direction
Y
0
-0.025
0.025
0
-0.00098
0.00098
BGA ball center to chip
center offset in X-direction
X1
0.000
-0.014
0.014
0.000
-0.001
0.001
BGA ball center to chip
center offset in Y-direction
Y1
0.000
-0.014
0.014
0.000
-0.001
0.001
Edge to Ball Center
Distance along X
S1
0.522
0.492
0.552
0.02056
0.01938
0.02174
Edge to Ball Center
Distance along Y
S2
0.529
0.499
0.559
0.02082
0.01964
0.02200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com