Electronic Components Datasheet Search
  English  ▼

X  

AS260 Datasheet(PDF) 28 Page - ON Semiconductor

Part # AS260
Description  High-Definition (HD) Digital Image Sensor
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AS260 Datasheet(HTML) 28 Page - ON Semiconductor

Back Button AS260 Datasheet HTML 24Page - ON Semiconductor AS260 Datasheet HTML 25Page - ON Semiconductor AS260 Datasheet HTML 26Page - ON Semiconductor AS260 Datasheet HTML 27Page - ON Semiconductor AS260 Datasheet HTML 28Page - ON Semiconductor AS260 Datasheet HTML 29Page - ON Semiconductor AS260 Datasheet HTML 30Page - ON Semiconductor AS260 Datasheet HTML 31Page - ON Semiconductor AS260 Datasheet HTML 32Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 45 page
background image
AR0260 DS Rev. G Pub. 4/15 EN
28
©Semiconductor Components Industries, LLC,2015.
AR0260: 1/6-Inch 1080P High-Definition (HD) Digital Image Sensor
Digital Processing Chain
Digital Gain
Image stream processing starts with multiplication of all pixel values by a programmable
digital gain. Independent color channel digital gain can be adjusted with registers.
Adaptive PGA (APGA)
Lenses tend to produce images whose brightness is significantly attenuated near the
edges. There are also other factors causing fixed pattern signal gradients in images
captured by image sensors. The cumulative result of all these factors is known as image
shading. The AR0260 has an embedded shading correction module that can be
programmed to counter the shading effects on each individual R, Gb, Gr, and B color
signal.
In some cases, different illuminants can introduce different color shading response. The
APGA feature on the AR0260 will compensate for the dependency of the lens shading of
the illuminant. The AR0260 will allow for up to three different illuminants to be compen-
sated for.
Image Scaling and Cropping
To ensure that the size of images output by the AR0260 can be tailored to the needs of all
users, the IFP includes a scaler module. When enabled, this module performs rescaling
of incoming images—shrinks them to arbitrarily selected width and height without
reducing the field of view and without discarding any pixel values.
By configuring the cropped and output windows to various sizes, different zooming
levels including 4X, 2X, and 1X can be achieved. The location of the cropped window is
configurable so that panning is also supported. The height and width definitions for the
output window must be equal to or smaller than the cropped image. The image crop-
ping and scaler module can be used together to implement a digital zoom and pan.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com