Electronic Components Datasheet Search
  English  ▼

X  

AS260 Datasheet(PDF) 18 Page - ON Semiconductor

Part # AS260
Description  High-Definition (HD) Digital Image Sensor
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AS260 Datasheet(HTML) 18 Page - ON Semiconductor

Back Button AS260 Datasheet HTML 14Page - ON Semiconductor AS260 Datasheet HTML 15Page - ON Semiconductor AS260 Datasheet HTML 16Page - ON Semiconductor AS260 Datasheet HTML 17Page - ON Semiconductor AS260 Datasheet HTML 18Page - ON Semiconductor AS260 Datasheet HTML 19Page - ON Semiconductor AS260 Datasheet HTML 20Page - ON Semiconductor AS260 Datasheet HTML 21Page - ON Semiconductor AS260 Datasheet HTML 22Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 45 page
background image
AR0260 DS Rev. G Pub. 4/15 EN
18
©Semiconductor Components Industries, LLC,2015.
AR0260: 1/6-Inch 1080P High-Definition (HD) Digital Image Sensor
Image Data Output Interface
Figure 12:
Pixel Data Timing Example
Note:
Shown is 10-bit Bayer data in 8 + 2 mode.
Figure 13:
Row Timing, FV, and LV Signals
Notes:
1. P: Frame start and end blanking time.
2. A: Active data time.
3. Q: Horizontal blanking time.
MIPI Port
The MIPI output implements a serial differential sub-LVDS transmitter capable of up to
1536 Mbps (768 Mbps/lane). It supports multiple formats, error checking, and custom
short packets.
When the sensor is in the hardware standby system state or in the software standby
system state, the MIPI signals (CLK_P, CLK_N, DATA_P, DATA_N, DATA_2P, DATA_2N)
indicate ultra low power state (ULPS) corresponding to (nominal) 0V levels being driven
on CLK_P, CLK_N, DATA_P, DATA_N, DATA_2P, and DATA_2N. This is equivalent to
signaling code LP-00.
When the sensor enters the streaming system state, the interface goes through the
following transitions:
1. After the PLL has locked and the bias generator for the MIPI drivers has stabilized, the
MIPI interface transitions from the ULPS state to the ULPS-exit state (signaling code
LP–10).
2. After a delay (TWAKEUP), the MIPI interface transitions from the ULPS-exit state to the
TX-stop state (signaling code LP–11).
3. After a short period of time (the programmed integration time plus a fixed overhead),
frames of pixel data start to be transmitted on the MIPI interface. Each frame of pixel
data is transmitted as a number of high-speed packets. The transition from the
TX-stop state to the high-speed signaling states occurs in accordance with the MIPI
specifications. Between high-speed packets and between frames, the MIPI interface
idles in the TX-stop state. The transition from the high-speed signaling states and the
TX-stop state takes place in accordance with the MIPI specifications.
P0 (9:2)
P0 (1:0)
P1 (9:2)
P1 (1:0)
P2 (9:2)
Pn-1 (9:2)
Pn (9:2)
LINE_VALID
PIXCLK
DOUT[7:0]
Blanking
Blanking
Valid Data
Pn-1 (1:0)
Pn (1:0)
FRAME_VALID
LINE_VALID
Data Modes
P1
A2
Q3
AQ
A
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com