Electronic Components Datasheet Search
  English  ▼

X  

AS260 Datasheet(PDF) 14 Page - ON Semiconductor

Part # AS260
Description  High-Definition (HD) Digital Image Sensor
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AS260 Datasheet(HTML) 14 Page - ON Semiconductor

Back Button AS260 Datasheet HTML 10Page - ON Semiconductor AS260 Datasheet HTML 11Page - ON Semiconductor AS260 Datasheet HTML 12Page - ON Semiconductor AS260 Datasheet HTML 13Page - ON Semiconductor AS260 Datasheet HTML 14Page - ON Semiconductor AS260 Datasheet HTML 15Page - ON Semiconductor AS260 Datasheet HTML 16Page - ON Semiconductor AS260 Datasheet HTML 17Page - ON Semiconductor AS260 Datasheet HTML 18Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 45 page
background image
AR0260 DS Rev. G Pub. 4/15 EN
14
©Semiconductor Components Industries, LLC,2015.
AR0260: 1/6-Inch 1080P High-Definition (HD) Digital Image Sensor
Shutdown Mode
Shutdown Mode
The shutdown mode is entered when the SHUTDOWN pin is asserted. All power to the
AR0260 is disabled and no state, register, or patch information is retained. VDD_IO and
REG_IN0/VDD_PHY must be powered during Shutdown. Analog power (VAA and
VAA_PIX) is optional but typically would also be left on. All pins hold their state (Input,
output or tristate) during shutdown. Inputs are ignored during Shutdown and can be
high, low or tristate. EXTCLK can be turned off or left running. An internal POR is auto-
matically generated on exit from Shutdown.
Figure 7:
Shutdown Operation
Notes:
1. This delay is dependent on EXTCLK frequency.
Table 9:
Shutdown
Symbol
Definition
Min
Typ
Max
Unit
t1
SHUTDOWN pulse width
50
EXTCLK cycles
t2
Active EXTCLK required after SHUTDOWN asserted
0
t3
Active EXTCLK required before SHUTDOWN de-asserted
0
t4
Maximum internal boot time1
––
35
ms
EXTCLK
Shutdown
SHUTDOWN
Mode
t
2
t
3
t
1
Internal Boot Time
SDATA
Enter standy mode
t
4
All Outputs
Data Active



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com